Electronic Components Datasheet Search
  English  ▼

X  

BC857AMB Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # BC857AMB
Description  45 V, 100 mA NPN general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC857AMB Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button BC857AMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 12Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 13Page - Nexperia B.V. All rights reserved BC857AMB Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BC847XMB_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 5 March 2012
13 of 14
Nexperia
BC847xMB series
45 V, 100 mA NPN general-purpose transistors
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
13.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
14. Contact information
For more information, please visit: http://www.
nexperia.com
For sales office addresses, please send an email to: salesaddresses@
nexperia.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com