Electronic Components Datasheet Search
  English  ▼

X  

BC857AM Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC857AM
Description  45 V, 100 mA NPN general-purpose transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC857AM Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC857AM Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BC847XM series
45 V, 100 mA NPN general-purpose transistors
Rev. 13 — 1 July 2022
Product data sheet
1. General description
NPN general-purpose transistors in a ultra small SOT883 (SC-101) Surface-Mounted Device
(SMD) plastic package.
Table 1. Product overview
Package
Type number[1]
Nexperia
JEITA
PNP complement
BC847AM
BC857AM
BC847BM
BC857BM
BC847CM
SOT883
SC-101
BC857CM
[1] Valid for all available selection groups.
2. Features and benefits
• General-purpose transistors
• SMD plastic packages
• Three different gain selections
• AEC-Q101 qualified
3. Applications
• General-purpose switching and amplification
4. Quick reference data
Table 2. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
100
mA
DC current gain
BC847AM
110
180
220
BC847BM
200
290
450
hFE
BC847CM
VCE = 5 V;
IC = 2 mA
420
520
800


Similar Part No. - BC857AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857AM PHILIPS-BC857AM Datasheet
84Kb / 13P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
BC857AM PHILIPS-BC857AM Datasheet
83Kb / 10P
PNP general purpose transistors
2004 Mar 10
BC857AM NXP-BC857AM Datasheet
160Kb / 10P
PNP general purpose transistors
2004 Mar 10
logo
Nexperia B.V. All right...
BC857AM NEXPERIA-BC857AM Datasheet
362Kb / 11P
PNP general purpose transistors
2004 Mar 10
BC857AM NEXPERIA-BC857AM Datasheet
362Kb / 11P
PNP general purpose transistors
2004 Mar 10
More results

Similar Description - BC857AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com