Electronic Components Datasheet Search
  English  ▼

X  

PEMH4 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMH4
Description  NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = open
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH4 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMH4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMH4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PEMH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH4 PHILIPS-PEMH4 Datasheet
48Kb / 8P
NPN resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PEMH4 NXP-PEMH4 Datasheet
138Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
logo
Nexperia B.V. All right...
PEMH4 NEXPERIA-PEMH4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PEMH4_PUMH4 PHILIPS-PEMH4_PUMH4_15 Datasheet
138Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
More results

Similar Description - PEMH4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC114EM NEXPERIA-PDTC114EM Datasheet
215Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC114EU NEXPERIA-PDTC114EU Datasheet
210Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC124T_SERIES NEXPERIA-PDTC124T_SERIES Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC143T_SER NEXPERIA-PDTC143T_SER Datasheet
402Kb / 15P
NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC124T_SER NEXPERIA-PDTC124T_SER Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PEMH7 NEXPERIA-PEMH7 Datasheet
344Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 02
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com