Electronic Components Datasheet Search
  English  ▼

X  

PAC194X Datasheet(PDF) 76 Page - Microchip Technology

Part # PAC194X
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC194X Datasheet(HTML) 76 Page - Microchip Technology

Back Button PAC194X Datasheet HTML 72Page - Microchip Technology PAC194X Datasheet HTML 73Page - Microchip Technology PAC194X Datasheet HTML 74Page - Microchip Technology PAC194X Datasheet HTML 75Page - Microchip Technology PAC194X Datasheet HTML 76Page - Microchip Technology PAC194X Datasheet HTML 77Page - Microchip Technology PAC194X Datasheet HTML 78Page - Microchip Technology PAC194X Datasheet HTML 79Page - Microchip Technology PAC194X Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
PAC194X
DS20006543A-page 76
 2021 Microchip Technology Inc.
REGISTER 7-33:
UV LIMIT NSAMPLES (48H) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NSAMPLES UV CH1[1:0]
NSAMPLES UV CH2[1:0]
NSAMPLES UV CH3[1:0]
NSAMPLES UV CH4[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Number of consecutive samples exceeding the undervoltage limit that are required to trigger the ALERT function for
each channel. The default is 1. Disable ALERTs in Register 7-34 before changing the value to avoid false triggers.
bit 7-6
NSAMPLES UV CH1[1:0]: Consecutive sample count to trigger the UV ALERT for Channel 1
00 = 1 (default)
01 = 4 samples
10 = 8 samples
11 = 16
bit 5-4
NSAMPLES UV CH2[1:0]: Consecutive sample count to trigger the UV ALERT for Channel 2
00 = 1 (default)
01 = 4 samples
10 = 8 samples
11 = 16
bit 3-2
NSAMPLES UV CH3[1:0]: Consecutive sample count to trigger the UV ALERT for Channel 3
00 = 1 (default)
01 = 4 samples
10 = 8 samples
11 = 16
bit 1-0
NSAMPLES UV CH4[1:0]: Consecutive sample count to trigger the UV ALERT for Channel 4
00 = 1 (default)
01 = 4 samples
10 = 8 samples
11 = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com