Electronic Components Datasheet Search
  English  ▼

X  

78D09 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 78D09
Description  LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78D09 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  78D09 Datasheet HTML 1Page - List of Unclassifed Manufacturers 78D09 Datasheet HTML 2Page - List of Unclassifed Manufacturers 78D09 Datasheet HTML 3Page - List of Unclassifed Manufacturers 78D09 Datasheet HTML 4Page - List of Unclassifed Manufacturers 78D09 Datasheet HTML 5Page - List of Unclassifed Manufacturers 78D09 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
78DXX
LINEAR INTEGRATED CIRCUIT
2
ABSOLUTE MAXIMUM RATINGS
( Operating temperature range applies unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Input voltage(for Vo=5~18V)
(for Vo=20~24V)
VI
35
40
V
V
Output Current
I o
0.5
A
Power Dissipation
PD
Internally
Limited
W
Operating Junction Temperature Range
TJ
+150
C
Storage Temperature Range
TSTG
-65 to+150
C
Contek78D05 ELECTRICAL CHARACTERISTICS
( VI=10V, Io=0.5A, Tj= 0 C
- 125 C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Tj=25 C, IO=5mA - 0.5A
4.8
5.0
5.2
V
Output Voltage
Vo
VI =7.5V to 20V,
IO=5mA 0.5A,PD<7W
4.75
5.25
V
Load Regulation
DVo
Tj=25 C,IO=5mA - 0.5A
50
mV
Tj=25 C,IO=5mA - 200 mA
25
mV
Line regulation
DVo
VI =7V to 25V,Tj=25 C
50
mV
VI =7.5V to 20V,Tj=25 C,Io=0.5A
50
mV
Quiescent Current
Iq
Tj=25 C, IO=0.5A
8.0
mA
Quiescent Current Change
DIq
VI =7.5V to 20V
1.0
mA
DIq
IO=5mA - 0.5A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
40
uV
Temperature coefficient of Vo
DVo/DT
Io=5mA
-0.6
mV/ C
Ripple Rejection
RR
VI =8V -18V,f=120Hz,Tj=25 C
62
80
dB
Peak Output Current
IPK
Tj=25 C
1.2
A
Short-Circuit Current
ISC
VI=35V, Tj=25 C
250
mA
Dropout Voltage
Vd
Tj=25 C
2.0
V
Contek78D06 ELECTRICAL CHARACTERISTICS
( VI=11V, Io=0.5A, Tj= 0 C
- 125 C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Tj=25 C, IO=5mA - 0.5A
5.75
6.0
6.26.2
V
Output Voltage
Vo
VI =8.5V to 21V,
IO=5mA 0.5A, PD<7W
5.7
6.3
V
Load Regulation
DVo
Tj=25 C,IO=5mA - 0.5A
60
mV
Tj=25 C,IO=5mA - 200mA
30
mV
Line regulation
DVo
VI =8V to 25V,Tj=25 C
60
mV
VI =8.5V to 21V,Tj=25 C,Io=0.5A
60
mV
Quiescent Current
Iq
Tj=25 C, IO=0.5A
8.0
mA
Quiescent Current Change
DIq
VI =8.5V to 21V
1.0
mA
DIq
IO=5mA 0.5A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
45
uV
Temperature coefficient of
Vo
DVo/DT
Io=5mA
-0.7
mV/ C
Ripple Rejection
RR
VI =9V - 19V,f=120Hz,Tj=25 C
59
75
dB
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com