Electronic Components Datasheet Search
  English  ▼

X  

AD8310ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD8310ARM
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8310ARM Datasheet HTML 7Page - Analog Devices AD8310ARM Datasheet HTML 8Page - Analog Devices AD8310ARM Datasheet HTML 9Page - Analog Devices AD8310ARM Datasheet HTML 10Page - Analog Devices AD8310ARM Datasheet HTML 11Page - Analog Devices AD8310ARM Datasheet HTML 12Page - Analog Devices AD8310ARM Datasheet HTML 13Page - Analog Devices AD8310ARM Datasheet HTML 14Page - Analog Devices AD8310ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8310
Rev. D | Page 11 of 24
PRODUCT OVERVIEW
The AD8310 has six main amplifier/limiter stages. These six
cells and their and associated gm styled full-wave detectors
handle the lower two-thirds of the dynamic range. Three top-
end detectors, placed at 14.3 dB taps on a passive attenuator,
handle the upper third of the 95 dB range. The first amplifier
stage provides a low noise spectral density (1.28 nV/√Hz).
Biasing for these cells is provided by two references: one
determines their gain, and the other is a band gap circuit that
determines the logarithmic slope and stabilizes it against supply
and temperature variations. The AD8310 can be enabled or
disabled by a CMOS-compatible level at ENBL (Pin 7).
The differential current-mode outputs of the nine detectors are
summed and then converted to single-sided form, nominally
scaled 2 µA/dB. The output voltage is developed by applying
this current to a 3 kΩ load resistor followed by a high speed
gain-of-four buffer amplifier, resulting in a logarithmic slope of
24 mV/dB (480 mV/decade) at VOUT (Pin 4). The unbuffered
voltage can be accessed at BFIN (Pin 6), allowing certain
functional modifications such as the addition of an external
postdemodulation filter capacitor and the alteration or
adjustment of slope and intercept.
+
–
VPOS
INHI
INLO
COMM
3
8mA
1.0k
Ω
BAND GAP REFERENCE
AND BIASING
SIX 14.3dB 900MHz
AMPLIFIER STAGES
NINE DETECTOR CELLS
SPACED 14.3dB
INPUT-OFFSET
COMPENSATION LOOP
2
2
µA
/dB
MIRROR
3k
Ω
3k
Ω
1k
Ω
COMM
COMM
COMM
ENBL
BFIN
VOUT
OFLT
ENABLE
BUFFER
INPUT
OUTPUT
OFFSET
FILTER
AD8310
SUPPLY
+INPUT
–INPUT
COMMON
33pF
Figure 22. Main Features of the AD8310
The last gain stage also includes an offset-sensing cell. This
generates a bipolarity output current, if the main signal path
exhibits an imbalance due to accumulated dc offsets. This
current is integrated by an on-chip capacitor that can be
increased in value by an off-chip component at OFLT (Pin 3).
The resulting voltage is used to null the offset at the output of
the first stage. Because it does not involve the signal input
connections, whose ac-coupling capacitors otherwise introduce
a second pole into the feedback path, the stability of the offset
correction loop is assured.
The AD8310 is built on an advanced, dielectrically isolated,
complementary bipolar process. In the following interface
diagrams, resistors labeled as R are thin-film resistors that have
a low temperature coefficient of resistance (TCR) and high
linearity under large-signal conditions. Their absolute tolerance
is typically within ±20%. Similarly, capacitors labeled as C have
a typical tolerance of ±15% and essentially zero temperature or
voltage sensitivity. Most interfaces have additional small
junction capacitances associated with them, due to active
devices or ESD protection, which might not be accurate or
stable. Component numbering in these interface diagrams is
local.
ENABLE INTERFACE
The chip-enable interface is shown in Figure 23. The currents in
the diode-connected transistors control the turn-on and turn-
off states of the band gap reference and the bias generator. They
are a maximum of 100 µA when ENBL is taken to 5 V under
worst-case conditions. For voltages below 1 V, the AD8310 is
disabled and consumes a sleep current of under 1 µA. When
tied to the supply or a voltage above 2 V, it is fully enabled. The
internal bias circuitry is very fast (typically <100 ns for either
off or on). In practice, however, the latency period before the log
amp exhibits its full dynamic range is more likely to be limited
by factors relating to the use of ac-coupling at the input or the
settling of the offset-control loop (see the following sections).
COMM
ENBL
40k
Ω
TO BIAS
STAGES
AD8310
2
7
Figure 23. Enable Interface
INPUT INTERFACE
Figure 24 shows the essentials of the input interface. CP and CM
are parasitic capacitances, and CD is the differential input
capacitance, largely due to Q1 and Q2. In most applications,
both input pins are ac-coupled. The S switches close when
enable is asserted. When disabled, bias current IE is shut off and
the inputs float; therefore, the coupling capacitors remain
charged. If the log amp is disabled for long periods, small
leakage currents discharge these capacitors. Then, if they are
poorly matched, charging currents at power-up can generate a
transient input voltage that can block the lower reaches of the
dynamic range until it becomes much less than the signal.
A single-sided signal can be applied via a blocking capacitor to
either Pin 1 or Pin 8, with the other pin ac-coupled to ground.
Under these conditions, the largest input signal that can be
handled is 0 dBV (a sine amplitude of 1.4 V) when using a 3 V
supply; a 5 dBV input (2.5 V amplitude) can be handled with a
5 V supply. When using a fully balanced drive, this maximum
input level is permissible for supply voltages as low as 2.7 V.
Above 10 MHz, this is easily achieved using an LC matching
network. Such a network, having an inductor at the input,
usefully eliminates the input transient noted above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com