Electronic Components Datasheet Search
  English  ▼

X  

RUG-Z Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # RUG-Z
Description  Precision Resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

RUG-Z Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  RUG-Z Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet R4611/1 July 97
Precision Resistor Type RUG-Z
( Technical modifications reserved )
dimensions ( mm )
Case dimensions are compatible to high-power transistor
modules to a great extent. Current feed is accomplished
with a screw connection between cable and copper
U-terminal. The distortion-protected nut recessed in the
module considerably facilitates assembly.
Pulses up to 1000 W are without detrimental effect based
on the optimized geometrical design and temperature
resistance of the adhesive.
This high-power resistor in four-terminal design was espe-
cially developed, where high DC or AC currents of low
frequency have to be regulated with precise accuracy and
reproducibility like in current supplies for superconducting
magnets.
When assembled on an air or watercooled heatsink, the
resistance deviation caused by temperature change and
temperature coefficient is in most instances negligibly
small.
RHOPOINT COMPONENTS LTD
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
power derating curve
0
20
40
60
80
100
120
case temperature T
G / [
oC]
0.25
0.5
0.75
1
P / P
Nenn
Temperature dependence of the electrical resistance
of ISA-PLAN resistors
Technical data
resistance range
1 / 2 / 5 / 10 / 20 / 50 / 100 / 200 / 500mOhm - 1 / 10 / 100Ohm
tolerances
0.1%, 1%
temperature coefficient tcr ( R > 20mOhm )
< ±1 / ±3 / ±5 / ±10ppm/K ( 20°C to 60°C )
applicable temperature range
-55°C to +85°C
load capacity
250W
single pulse power load ( R < 10mOhm )
50J ( tp < 10ms )
thermal resistance to copper base plate
Rthi < 0.1K/W
dielectric withstanding voltage
500VAC
inductance
< 10nH
stability
deviation <0.1% after 2,000h


Similar Part No. - RUG-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RUG-Z ETC-RUG-Z Datasheet
1Mb / 2P
HIGH PRECISION METAL FOIL RESISTORS
logo
Isabellenhütte Heu...
RUG-Z ISABELLENHUETTE-RUG-Z Datasheet
474Kb / 3P
precision resistors
RUG-Z-R001-0.1-TK10 ISABELLENHUETTE-RUG-Z-R001-0.1-TK10 Datasheet
474Kb / 3P
precision resistors
More results

Similar Description - RUG-Z

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com