Electronic Components Datasheet Search
  English  ▼

X  

LMC6084LM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6084LM
Description  Precision CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6084LM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC6084LM Datasheet HTML 4Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 5Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 6Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 7Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 8Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 9Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 10Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 11Page - National Semiconductor (TI) LMC6084LM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics (Continued)
Non-Inverting Large
Signal Pulse Response
Crosstalk Rejection
vs Frequency
01146735
01146736
Stability vs Capacitive
Load, R
L = 600
Ω
Stability vs Capacitive
Load R
L =1M
Ω
01146737
01146738
Applications Hints
AMPLIFIER TOPOLOGY
The LMC6084 incorporates a novel op-amp design topology
that enables it to maintain rail-to-rail output swing even when
driving a large load. Instead of relying on a push-pull unity
gain output buffer stage, the output stage is taken directly
from the internal integrator, which provides both low output
impedance and large gain. Special feed-forward compensa-
tion design techniques are incorporated to maintain stability
over a wider range of operating conditions than traditional
micropower op-amps. These features make the LMC6084
both easier to design with, and provide higher speed than
products typically found in this ultra-low power class.
COMPENSATING FOR INPUT CAPACITANCE
It is quite common to use large values of feedback resis-
tance for amplifiers with ultra-low input current, like the
LMC6084.
Although the LMC6084 is highly stable over a wide range of
operating conditions, certain precautions must be met to
achieve the desired pulse response when a large feedback
resistor is used. Large feedback resistors and even small
values of input capacitance, due to transducers, photo-
diodes, and circuit board parasitics, reduce phase margins.
When high input impedances are demanded, guarding of the
LMC6084 is suggested. Guarding input lines will not only
reduce leakage, but lowers stray input capacitance as well.
(See Printed-Circuit-Board Layout for High Impedance
Work).
The effect of input capacitance can be compensated for by
adding a capacitor, C
f, around the feedback resistors (as in
Figure 1 ) such that:
or
R
1 CIN
≤ R
2 Cf
Since it is often difficult to know the exact value of C
IN,Cf can
be experimentally adjusted so that the desired pulse re-
sponse is achieved. Refer to the LMC660 and LMC662 for a
more detailed discussion on compensating for input capaci-
tance.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14