Electronic Components Datasheet Search
  English  ▼

X  

74LVC374A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC374A
Description  Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC374A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC374A Datasheet HTML 2Page - NXP Semiconductors 74LVC374A Datasheet HTML 3Page - NXP Semiconductors 74LVC374A Datasheet HTML 4Page - NXP Semiconductors 74LVC374A Datasheet HTML 5Page - NXP Semiconductors 74LVC374A Datasheet HTML 6Page - NXP Semiconductors 74LVC374A Datasheet HTML 7Page - NXP Semiconductors 74LVC374A Datasheet HTML 8Page - NXP Semiconductors 74LVC374A Datasheet HTML 9Page - NXP Semiconductors 74LVC374A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LVC374A
Octal D-type flip-flop with 5-volt tolerant
inputs/outputs; positive edge-trigger (3-State)
1998 Jul 29
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
V
V
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 2.7V; VI = VIH or VIL;IO = –12mA
VCC*0.5
VO
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = –100µA
VCC*0.2
VCC
V
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –18mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*0.8
VCC = 2.7V; VI = VIH or VIL;IO = 12mA
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = 100µA
GND
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
I
Input leakage current2
V
=3 6V; V = 5 5V or GND
"01
"5
µA
II
Input leakage current2
VCC = 3.6V; VI = 5.5V or GND
"0.1
"5
µA
IOZ
3-State output OFF-state current
VCC = 3.6V; VI = VIH or VIL;VO = 5.5V or GND
0.1
"10
µA
Ioff
Power off leakage supply
VCC = 0.0V; VI or VO = 5.5V
0.1
"10
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
10
µA
∆ICC
Additional quiescent supply current
per input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. The specified overdrive current at the data input forces the data input to the opposite logic input state.
AC CHARACTERISTICS
GND = 0V; tr = tf v 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL
tPLH
Propagation delay
CP to Qn
1, 4
1.5
4.8
7.0
1.5
8.0
21
ns
tPZH
tPZL
3-State output enable time
OE to Qn
2, 4
1.5
4.8
7.5
1.5
8.5
22
ns
tPHZ
tPLZ
3-State output disable time
OE to Qn
2, 4
1.5
4.3
6.0
1.5
7.0
15
ns
tW
Clock pulse width HIGH or LOW
1
3.0
1.5
–
3.0
–
–
ns
tSU
Setup time
Dn to CP
3
2.0
0
–
2.0
–
–
ns
th
Hold time
Dn to CP
3
1.5
0.6
–
1.5
–
–
ns
fmax
maximum clock pulse frequency
1
100
–
–
80
–
–
MHz
NOTE:
1. Unless otherwise stated, all typical values are at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com