Electronic Components Datasheet Search
  English  ▼

X  

M24256-B Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24256-B
Description  256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-B Datasheet(HTML) 2 Page - STMicroelectronics

  M24256-B Datasheet HTML 1Page - STMicroelectronics M24256-B Datasheet HTML 2Page - STMicroelectronics M24256-B Datasheet HTML 3Page - STMicroelectronics M24256-B Datasheet HTML 4Page - STMicroelectronics M24256-B Datasheet HTML 5Page - STMicroelectronics M24256-B Datasheet HTML 6Page - STMicroelectronics M24256-B Datasheet HTML 7Page - STMicroelectronics M24256-B Datasheet HTML 8Page - STMicroelectronics M24256-B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
M24256-B, M24128-B
2/19
The memory behaves as a slave device in the I
2C
protocol, with all memory operations synchronized
by the serial clock. Read and Write operations are
initiated by a START condition, generated by the
bus master. The START condition is followed by a
Device Select Code and RW bit (as described in
Table 3), terminated by an acknowledge bit.
When writing data to the memory, the memory in-
serts an acknowledge bit during the 9
th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a STOP condition after an Ack for WRITE, and af-
ter a NoAck for READ.
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
write operations during power up, a Power On Re-
Figure 2A. PSDIP8 Connections
Figure 2B. SO8 and TSSOP8 Connections
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI02810
M24256-B
M24128-B
1
2
3
4
8
7
6
5
1
AI02811
2
3
4
8
7
6
5
SDA
VSS
SCL
WC
E1
E0
VCC
E2
M24256-B
M24128-B
Figure 2C. TSSOP14 Connections
Note: 1. NC = Not Connected
1
AI02812
2
3
4
14
9
10
8
SDA
VSS
E2
SCL
E0
WC
M24256-B
M24128-B
NC
E1
NC
NC
NC
NC
NC
5
6
7
12
13
11
VCC
Table 2. Absolute Maximum Ratings 1
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only, and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the ST SURE Program and other relevant quality documents.
2. MIL-STD-883C, 3015.7 (100 pF, 1500
Ω)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
-40 to 125
°C
TSTG
Storage Temperature
-65 to 150
°C
TLEAD
Lead Temperature during Soldering
PSDIP8: 10 seconds
SO8: 40 seconds
TSSOP8: 40 seconds
TSSOP14: 40 seconds
260
215
215
215
°C
VIO
Input or Output range
-0.6 to 6.5
V
VCC
Supply Voltage
-0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com