Electronic Components Datasheet Search
  English  ▼

X  

OP490F Datasheet(PDF) 10 Page - Analog Devices

Part # OP490F
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490F Datasheet(HTML) 10 Page - Analog Devices

Back Button OP490F Datasheet HTML 6Page - Analog Devices OP490F Datasheet HTML 7Page - Analog Devices OP490F Datasheet HTML 8Page - Analog Devices OP490F Datasheet HTML 9Page - Analog Devices OP490F Datasheet HTML 10Page - Analog Devices OP490F Datasheet HTML 11Page - Analog Devices OP490F Datasheet HTML 12Page - Analog Devices OP490F Datasheet HTML 13Page - Analog Devices OP490F Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. C
OP490
–10–
Micropower Voltage-Controlled Oscillator
An OP490 in combination with an inexpensive quad CMOS
switch comprise the precision VCO of Figure 5. This circuit
provides triangle and square wave outputs and draws only 75
mA
from a 5 V supply. A acts as an integrator; S1 switches the
charging current symmetrically to yield positive and negative
ramps. The integrator is bounded by B which acts as a Schmitt
trigger with a precise hysteresis of 1.67 V, set by resistors R5,
R6, and R7, and associated CMOS switches. The resulting
1
14
213
312
4
11
5
10
69
78
S3
S4
S2
S1
CONT
IN/OUT
CONT
OUT/IN
OUT/IN
IN/OUT
IN/OUT
OUT/IN
IN/OUT
OUT/IN
CONT
CONT
VSS
VDD
+5V
+5V
1/4
OP490E
A
+5V
R2
200k
VCONTROL
R1
200k
R3
100k
R4
200k
11
4
2
3
1
TRIANGLE
OUT
+5V
R8
200k
6
5
7
+5V
R5
200k
SQUARE
OUT
R6
200k
R7
200k
C1
75nF
1/4
OP490E
B
Figure 5. Micropower Voltage Controlled Oscillator
output of A is a triangle wave with upper and lower levels of
3.33 V and 1.67 V. The output of B is a square wave with almost
rail-to-rail swing. With the components shown, frequency of
operation is given by the equation:
fV
Volts
Hz V
OUT
CONTROL
=
()¥10 /
but this is easily changed by varying C1. The circuit operates
well up to a few hundred hertz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com