Electronic Components Datasheet Search
  English  ▼

X  

RN1632CBVC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RN1632CBVC
Description  Thin Film Chip Resistor Networks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RN1632CBVC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RN1632CBVC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin Film Chip Resistor Networks
RN 1220 and 1632 Series, Precision
1.0 Description
2.0 Mechanical
3.0 Electrical
4.0 Part Number
3.2 ±0.2
1.6 ±0.2
1.0 ±0.25
0.4 ±0.1
0.4 ±0.25
3.2 ±0.2
1.6 ±0.2
1.0 ±0.25
0.4 ±0.25
Type
RN1220A, RN1632A
RN1220B, RN1632B
RN1632C
RN1632D
Resistance range
100 to 51K ohm
100 to 51K ohm
100 to 33K ohm
100 to 33K ohm
Resistance tolerance
±0.5% (D), ±0.1% (B)
±0.5% (D), ±0.1% (B)
±0.5% (D), ±0.1% (B)
±0.5% (D), ±0.1% (B)
Tracking tolerance
±0.2% (C), ±0.1% (B)
±0.2% (C), ±0.1% (B)
±0.2% (C), ±0.1% (B)
±0.2% (C), ±0.1% (B)
T.C.R. ppm/°C
±25ppm (E)
±25ppm (E)
±25ppm (E)
±25ppm (E)
Tracking T.C.R. ppm/°C ±10ppm (N), ±5ppm (V) ±10ppm (N), ±5ppm (V) ±10ppm (N), ±5ppm (V) ±10ppm (N), ±5ppm (V)
Power rating (RN1220)
50 mW/element
50 mW/element
Power rating (RN1632)
63 mW/element
63 mW/element
42 mW/element
42 mW/element
Rated temperature
70°C
Operating temp. range
-55°C to +125°C
Larger resistor packages available. Refer to part number RN4556 when calling.
R1
R2
13
22
Schematic Diagram
R1
R2
2
1
3
4
R3
R1
R2
1
23
4
dimension mm
Type A
Type B, C, D
1
1
2
2
2
3
3
4
R3
R1
R2
1
2
3
4
These 1206 chip resistor networks are available with either 2 or 3 resistors, and offer better performance than
SIP networks. The surface mount package allows for less parasitic capacitance/inductance and even lower
noise performance. Typical application: Voltage dividers.
RN
1632
A
***
B
V
B
Resistance Tolerance
Resistance value
Circuit qualifier (A, B, C, D)
Product designator
Package size
Tracking TCR
Tracking tolerance
THIN FILM TECHNOLOGY CORP.
1980 Commerce Drive
N. Mankato, MN 56003-1702 USA
+1 507 625-8445 / +1 507 625-3523 fax
www.thin-film.com
sales@thin-film.com
®


Similar Part No. - RN1632CBVC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1632C ETC2-RN1632C Datasheet
47Kb / 1P
RN series, RA series, ultra-precision chip network resistors
More results

Similar Description - RN1632CBVC

ManufacturerPart #DatasheetDescription
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
HSTL Termination Circuit Thin Film Resistor Networks
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
Thick Film Chip Resistor Arrays & Networks
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
Thick Film Chip Resistor Networks
logo
KOA Speer Electronics, ...
CNN KOA-CNN Datasheet
372Kb / 2P
thin film chip networks
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com