Electronic Components Datasheet Search
  English  ▼

X  

BTA201 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA201
Description  Triacs logic level
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA201 Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA201 Datasheet HTML 1Page - NXP Semiconductors BTA201 Datasheet HTML 2Page - NXP Semiconductors BTA201 Datasheet HTML 3Page - NXP Semiconductors BTA201 Datasheet HTML 4Page - NXP Semiconductors BTA201 Datasheet HTML 5Page - NXP Semiconductors BTA201 Datasheet HTML 6Page - NXP Semiconductors BTA201 Datasheet HTML 7Page - NXP Semiconductors BTA201 Datasheet HTML 8Page - NXP Semiconductors BTA201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTA201_SER_B_E_ER_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2006
2 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
3.
Ordering information
4.
Limiting values
[1]
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The
rate of rise of current should not exceed 6 A/
µs.
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BTA201-600B
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54
BTA201-600E
BTA201-800B
BTA201-800E
BTA201-800ER
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BTA201-600B
[1] -
600
V
BTA201-600E
[1] -
600
V
BTA201-800B
-
800
V
BTA201-800E
-
800
V
BTA201-800ER
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 54.3 °C;
see Figure 4 and 5
-1
A
ITSM
non-repetitive peak on-state current
full sine wave;
Tj =25 °C prior to surge; see
Figure 2 and 3
t = 20 ms
-
12.5
A
t = 16.7 ms
-
13.7
A
I2tI2t for fusing
t = 10 ms
-
0.78
A2s
dlT/dt
rate of rise of on-state current
ITM = 1.5 A; IG = 0.2 A;
dIG/dt = 0.2 A/µs
-50
A/
µs
IGM
peak gate current
-
2
A
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com