Electronic Components Datasheet Search
  English  ▼

X  

ECH8402 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8402
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8402 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8402 Datasheet HTML 1Page - Sanyo Semicon Device ECH8402 Datasheet HTML 2Page - Sanyo Semicon Device ECH8402 Datasheet HTML 3Page - Sanyo Semicon Device ECH8402 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECH8402
No.8148-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=5A
28
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=5A
4.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=5A
7.3
nC
Diode Forward Voltage
VSD
IS=10A, VGS=0
0.81
1.2
V
Package Dimensions
Electrical Connection
unit : mm
2222A
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID=5A
RL=3Ω
VDD=15V
VOUT
ECH8402
VIN
10V
0V
VIN
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : ECH8
1
4
85
0.15
0.65
2.9
0.3
Gate-to-Source Voltage, VGS -- V
ID -- VGS
IT08483
0
0
10
8
1.0
0.7
0.8
0.9
0.5
0.1
0.2
0.3
0.4
0.6
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT08482
6
4
2
3.5V
VGS=3.0V
0
0
16
14
5.0
3.5
4.0
4.5
2.5
0.5
1.0
1.5
2.0
3.0
12
10
8
6
4
2
VDS=10V
87
6
5
12
3
4
Top view
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com