Electronic Components Datasheet Search
  English  ▼

X  

MIC705 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC705
Description  Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC705 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC705 Datasheet HTML 1Page - Micrel Semiconductor MIC705 Datasheet HTML 2Page - Micrel Semiconductor MIC705 Datasheet HTML 3Page - Micrel Semiconductor MIC705 Datasheet HTML 4Page - Micrel Semiconductor MIC705 Datasheet HTML 5Page - Micrel Semiconductor MIC705 Datasheet HTML 6Page - Micrel Semiconductor MIC705 Datasheet HTML 7Page - Micrel Semiconductor MIC705 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Manual Reset Input forces RESET to assert when pulled below 0.8V.
An internal pull-up current of 250
µA on this input forces it high when left
floating. This input can also be driven from TTL or CMOS logic.
Primary supply input, +5V.
IC ground pin, 0V reference.
Power fail input. Internally connected to the power fail comparator
which is referenced to 1.25V. The power fail output (PFO) remains
high if PFI is above 1.25V. PFI should be connected to GND or VOUT
if the power fail comparator is not used.
Power fail output. The power fail comparator is independent of all other
functions on this device.
Watchdog input. The WDI input monitors microprocessor activity, an
internal watchdog timer resets itself with each transition on the
watchdog input. If the WDI pin is held high or low for longer than the
watchdog timeout period, WDO is forced to active low. The watchdog
function can be disabled by floating the WDI pin.
No Connect
RESET is asserted if either VCC goes below the reset threshold or by a
low signal on the manual reset input (MR). RESET remains asserted
for one reset timeout period (200ms) after VCC exceeds the reset
threshold or after the manual reset pin transitions from low to high. The
watchdog timer will not assert RESET unless WDO is connected to
MR.
Output for the watchdog timer. The watchdog timer resets itself with
each transition on the watchdog input. If the WDI pin is held high or
low for longer than the watchdog timeout period, WDO is forced low.
WDO will also be forced low if VCC is below the reset threshold and
will remain low until VCC returns to a valid level.
RESET is the compliment of RESET and is asserted if either VCC goes
below the reset threshold or by a low signal on the manual reset input
(MR). RESET is suitable for microprocessors systems that use an
active high reset.
Pin No.
MIC705
MIC707
Pin Name
MIC706
MIC708
MR
11
VCC
22
GND
33
PFI
44
PFO
55
WDI
6
N/A
N/C
N/A
6
RESET
77
WDO
8
N/A
RESET
N/A
8
Pin Functions
MIC705/6/7/8
µP Supervisory Circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com