Electronic Components Datasheet Search
  English  ▼

X  

MIC706 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC706
Description  Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC706 Datasheet HTML 1Page - Micrel Semiconductor MIC706 Datasheet HTML 2Page - Micrel Semiconductor MIC706 Datasheet HTML 3Page - Micrel Semiconductor MIC706 Datasheet HTML 4Page - Micrel Semiconductor MIC706 Datasheet HTML 5Page - Micrel Semiconductor MIC706 Datasheet HTML 6Page - Micrel Semiconductor MIC706 Datasheet HTML 7Page - Micrel Semiconductor MIC706 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC705/6/7/8
µP Supervisory Circuits
2
Electrical Characteristics
VCC = 4.75V to 5.5V for MIC705/MIC707, VCC = 4.5V to 5.5V for MIC706/MIC708, TA = -40°C to 85°C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage Range, VCC
MIC70--
1.4
5.5
V
Supply Current
MIC70--
60
µA
Reset Voltage Threshold
MIC705, MIC707
4.50
4.65
4.75
V
MIC706, MIC708
4.25
4.4
4.5
Reset Threshold Hysteresis
40
mV
Reset Pulse Width, tRS
140
200
280
ms
RESET Output Voltage
ISource = 800µA
VCC - 1.5V
V
ISink = 3.2mA
0.4
MIC70--C, ISink = 50µA, VCC = 1.4V
0.3
RESET Output Voltage
ISource = 800µA
VCC - 1.5V
V
ISink = 1.2mA
0.4
Watchdog Timeout Period, tWD
1.0
1.6
2.25
sec
WDI Minimum Input Pulse, tWP
VIL = 0.4V, VIH = 80% of VCC
50
ns
WDI Threshold Voltage
VIH, VCC = 5V
3.5
V
VIL, VCC = 5V
0.8
WDI Input Current
WDI = 0V
-150
-50
µA
WDI = VCC
50
150
WDO Output Voltage
ISource = 800µA
VCC - 1.5V
V
ISink = 1.2mA
0.4
Absolute Maximum Ratings
Terminal Voltage
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
All Other Inputs . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input Current
VCC, Gnd. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Output Current (all outputs) . . . . . . . . . . . . . . . . . 20mA
Operating Temperature Range
MIC70_N, MIC70_M . . . . . . . . . . . . . . . . . -40°C to 85°C
Storage Temperature Range . . . . . . . . . . . . .-65°C to 150°C
Lead Temperature (Soldering - 10 sec.) . . . . . . . . . . . 300°C
Power Dissipation (PDIP) . . . . . . . . . . . . . . . . . . . . 475mW
Power Dissipation (SOIC) . . . . . . . . . . . . . . . . . . . . 400mW
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability. Operating ranges define those limits between which the functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com