Electronic Components Datasheet Search
  English  ▼

X  

XTPS563203DRLR Datasheet(PDF) 11 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 7Page - Texas Instruments XTPS563203DRLR Datasheet HTML 8Page - Texas Instruments XTPS563203DRLR Datasheet HTML 9Page - Texas Instruments XTPS563203DRLR Datasheet HTML 10Page - Texas Instruments XTPS563203DRLR Datasheet HTML 11Page - Texas Instruments XTPS563203DRLR Datasheet HTML 12Page - Texas Instruments XTPS563203DRLR Datasheet HTML 13Page - Texas Instruments XTPS563203DRLR Datasheet HTML 14Page - Texas Instruments XTPS563203DRLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
The TPS563206 is an FCCM mode part. In this mode, the device has negative inductor current at light loading.
The device has NOC (negative overcurrent) protection to avoid too large negative current. NOC protection
detects the valley of inductor current. When the valley value of inductor current exceeds the NOC threshold, the
IC turns off the low side then turns on the high side. When NOC protection is triggered eight times continuously,
IC turns off both high side FET and low side FET. When the NOC condition is removed and output voltage
returns to target value, the device returns to normal switching.
Because the TPS563206 is a FCCM mode port, if the inductance is so small that the device trigger NOC, it
causes output voltage to be higher than target value. The minimum inductance is identified as Equation 2.
(2)
7.3.6 Enable Circuit
The EN pin controls the turn-on and turn-off of the device. When EN pin voltage is above the turn-on threshold,
the device starts switching and when the EN pin voltage falls below the turn-off threshold it stops switching. The
default status is low. Because there is a 1-uA pulldown current in internal IC.
EN can be controlled by a typical divider resister circuit from Vin or by a voltage of lower than 5.5 V.
TPS56320x also allows EN to connect to Vin by only a pullup resister, which is suggested a 100-k ohm resister.
EN voltage is clamped by a Zener diode. This Zener diode is not allowed to go through large current. R1 is not
allowed smaller than 80k ohm. R1 is also not suggested to use a too large resister to avoid EN not being able to
turn on. So R1 range is 80-k ohm to 3-M ohm. R1 is suggested to use 100-k ohm.
VIN
VIN
EN
GND
2V
Figure 7-1. EN Block Circuit
7.3.7 Undervoltage Lockout (UVLO) Protection
UVLO protection monitors the internal regulator voltage. When the voltage is lower than UVLO threshold voltage,
the device is shut off. This protection is non-latching.
7.3.8 Thermal Shutdown
The device monitors the temperature of itself. If the temperature exceeds the threshold value (typically 155°C),
the device is shut off. This is a non-latch protection.
7.4 Device Functional Modes
7.4.1 Eco-mode Operation
The TPS563203 operates in Eco-mode, which maintains high efficiency at light loading. As the output current
decreases from heavy load conditions, the inductor current is also reduced and eventually comes to a point
www.ti.com
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com