Electronic Components Datasheet Search
  English  ▼

X  

MAX3645EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3645EEE
Description  2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3645EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3645EEE Datasheet HTML 1Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 2Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 3Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
+2.97V to +5.5V, 125Mbps to 200Mbps Limiting
Amplifier with Loss-of-Signal Detector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +5.5V, PECL outputs are terminated with 50
Ω to VCC - 2V, RTH = 100Ω, CAZ = 0.1µF, CSD = 1nF, TA = -40°C to
+85°C. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCCA, VCCE) ....................-0.5V to +7.0V
Voltage at CAZ1, CAZ2, DIN+,
DIN-, CSD, DIS, TH ................................-0.5V to (VCC + 0.5V)
PECL Output Current (DOUT+, DOUT-, LOS, LOS) ...........50mA
Differential Voltage between CAZ1 and CAZ2......-1.5V to +1.5V
Differential Voltage between DIN+ and DIN- ........-1.5V to +1.5V
Continuous Power Dissipation (TA = +85
°C)
16-Pin SO (derate 8.7mW/
°C above +85°C)................565mW
16-Pin QSOP (derate 8.3mW/
°C above +85°C)...........540mW
Storage Ambient Temperature Range (TS)…….-65
°C to +160°C
Lead Temperature (soldering, 10s)...........……………….+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Current
ICC
Excludes PECL termination currents
18
27
mA
INPUT SPECIFICATIONS
Input Resistance
RIN
Single ended; VIN = ±200mV
3.3
4.8
6.4
k
Ω
Single ended
0.5
Input Sensitivity (Note 1)
VIN-MIN
Differential
1.0
mVP-P
Single ended
750
Input Overload (Note 1)
VIN-MAX
Differential
1500
mVP-P
Input-Referred Offset Voltage
Unterminated input, output offset divided by
DC gain (Note 2)
240
µV
Input Common-Mode Voltage
VCMM
VCC -
0.87
V
Input-Referred RMS Noise
VIN-NOISE
(Notes 2, 3)
36
50
µVRMS
DIS Input High
VIH
PECL or CMOS logic
VCC -
1160
VCC
mV
DIS Input Low
VIL
PECL or CMOS logic
0
VCC -
1480
mV
DIS Input Current
IIL, IIH
0V
≤ VDIS ≤ VCC
-10
+10
µA
OUTPUT SPECIFICATIONS
PECL Output-Voltage High
(Notes 1, 2)
VCC -
1085
VCC -
880
mV
PECL Output-Voltage Low
(Notes 1, 2)
VCC -
1830
VCC -
1555
mV
Data Output Transition Time
tR, tF
20% to 80% (Notes 1, 2, 4)
0.7
1.4
ns
Pulse-Width Distortion
PWD
(Notes 1, 2, 4, 5)
30
200
ps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com