Electronic Components Datasheet Search
  English  ▼

X  

PLVA650A Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PLVA650A
Description  Low-voltage avalanche regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PLVA650A Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PLVA650A Datasheet HTML 1Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 2Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 3Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 4Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 5Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 6Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 7Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 8Page - Nexperia B.V. All rights reserved PLVA650A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
PLVA6xxA series
Low-voltage avalanche regulator diodes
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
330
K/W
[1] Device mounted on an FR4 PCB; single-sided copper; tin-plated and standard footprint.
10. Characteristics
Table 7. Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 10 mA
-
-
0.9
V
working voltage
PLVA650A
4.80
5.00
5.20
V
PLVA653A
5.10
5.30
5.50
V
PLVA656A
5.40
5.60
5.80
V
PLVA659A
5.70
5.90
6.10
V
PLVA662A
6.00
6.20
6.40
V
PLVA665A
6.30
6.50
6.70
V
VZ
PLVA668A
IZ = 250 µA
6.60
6.80
7.00
V
working voltage
PLVA650A
-
4.30
-
V
PLVA653A
-
5.20
-
V
PLVA656A
-
5.51
-
V
PLVA659A
-
5.85
-
V
PLVA662A
-
6.19
-
V
PLVA665A
-
6.49
-
V
VZ
PLVA668A
IZ = 10 µA
-
6.80
-
V
dynamic resistance
PLVA650A
-
-
700
Ω
PLVA653A
-
-
250
Ω
RZ
PLVA656A to
PLVA668A
1 kHz superimposed;
IZAC is 10 % of IZDC;
IZ = 250 µA
-
-
100
Ω
temperature coefficient
PLVA650A
-
0.20
-
mv/K
PLVA653A
-
1.60
-
mv/K
PLVA656A
-
1.90
-
mv/K
PLVA659A
-
2.40
-
mv/K
PLVA662A
-
2.65
-
mv/K
PLVA665A
-
2.90
-
mv/K
SZ
PLVA668A
IZ = 250 µA
-
3.40
-
mv/K
PLVA6XXA_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V.
2023. All rights reserved
Product data sheet
Rev. 4 — 1 January 2023
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com