Electronic Components Datasheet Search
  English  ▼

X  

VRPB-10B Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # VRPB-10B
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-10B Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button VRPB-10B Datasheet HTML 9Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 10Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 11Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 12Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 13Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 14Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 15Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 16Page - Bel Fuse Inc. VRPB-10B Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPB-10B
5V Input / 0.9V – 3.3V Output / 10A
page 13
Output Voltage Set-Point Adjustment
VRPB-10B25S Trim Resistor Calculation
Vo_n om
2.503
=
Unit:Volt
Rt rim_down Vo_adj
()
2.37 Vo_adj
0.8
−
()
Vo_n om
Vo_adj
−
4.99
−
:=
Unit:Kohm
Rt rim_up Vo_adj
()
1.896
Vo_adj
Vo_n om
−
4.99
−
:=
Unit:Kohm
2.25
2.3
2.35
2.39
2.44
2.49
8.59
66.94
125.3
183.65
242.01
V7P B-10B25S Rt rim_down Curve
Rtrim_down Vo_adj
()
Vo_adj
2.51
2.56
2.61
2.65
2.7
2.75
2.69
56.25
109.8
163.36
216.91
V7P B-10B25S Rt rim_up Curve
Rtrim_up Vo_adj
()
Vo_adj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com