Electronic Components Datasheet Search
  English  ▼

X  

VRPC-04C Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRPC-04C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-04C Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRPC-04C Datasheet HTML 1Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 2Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 3Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 4Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 5Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 6Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-04C
3.3V Input / 5V Output / 4A
page 3
Output Specifications
Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
1. Vin = 3.3V, Iout = full load, Ta = 25° C.
2. 0 - 20MHz BW, 0.1µF ceramic cap on output.
3. di/dt = 0.5A/uS, Vin = 3.3VDC, Ta = 25° C, and with a 470µF aluminum cap on output.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
t
n
i
o
P
t
e
S
e
g
a
t
l
o
V
t
u
p
t
u
O
1
t
u
o
V5
8
.
455
1
.
5V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
0
15
2V
m
n
o
i
t
a
l
u
g
e
R
e
n
i
L
55
1V
m
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
n
o
i
t
a
l
u
g
e
R
C
°
0
7
-
°
0
5
15
4V
m
n
o
i
t
a
l
u
g
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
t
o
T5
7
.
4
5
2
.
5V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
0
40
0
1p
-
p
V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
85
2s
m
r
V
m
e
g
n
a
R
t
n
e
r
r
u
C
t
u
p
t
u
Ot
u
o
I0
4A
t
i
m
i
L
t
n
e
r
r
u
C
C
D
t
u
p
t
u
Om
il
t
u
o
I8
.
46
7
A
e
g
r
u
S
t
i
u
c
r
i
C
t
r
o
h
Se
g
r
u
s
t
u
o
I
2
1
.
02
.
0A2s
e
m
i
T
n
o
n
r
u
Tn
o
T
0
50
5
1s
m
n
O
n
r
u
T
t
a
t
o
o
h
s
r
e
v
O
03
%
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ot
u
o
C0
0
0
6
1F
µ
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
∆
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
5
2
10
5
2V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
0
20
0
5s
µ
∆
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
5
2
10
5
2V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
0
20
0
5s
µ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com