Electronic Components Datasheet Search
  English  ▼

X  

VRPC-10C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPC-10C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPC-10C Datasheet HTML 1Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 5Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 6Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 7Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 8Page - Bel Fuse Inc. VRPC-10C Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-10C
3.3V Input / 1.5 – 2.5V Output / 10A
•
Nonisolated
•
Industry standard pinout
•
Fixed frequency
•
High efficiency means less power dissipation
•
High power density
•
Optimized for cost
•
Remote on/off
•
Undervoltage lockout
•
Over current and short circuit protection
Description
The Bel VRPC-10C series modules are non-isolated, DC/DC power converters that operate from a nominal 3.3V source.
These converters are available in a range of output voltages from 1.5V to 2.5V. They are packaged in an industry standard
single-in-line footprint with 10A maximum output. Standard features include remote on/off, over current and short circuit
protection and output voltage adjust. Remote sense is an optional feature. These products may be used almost anywhere
low voltage silicon is employed and a 3.3V source is available. Typical applications include file servers, routers, line cards
and other computing and communications equipment.
Applications
page 1
VRPC-10C Series
•
Telecommunications
•
Networking
•
Computers and peripherals
Part Number Selection
Options
•
Remote Sense
RoHS Compliant
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
.
x
a
M
t
u
p
t
u
O
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
O
e
s
n
e
S
e
t
o
m
e
R
V
5
.
2V
3
.
3A
0
1W
5
2%
2
90
5
2
C
0
1
-
C
P
R
VS
5
2
C
0
1
-
C
P
R
V
V
8
.
1V
3
.
3A
0
1W
8
1%
7
80
8
1
C
0
1
-
C
P
R
VS
8
1
C
0
1
-
C
P
R
V
V
5
.
1V
3
.
3A
0
1W
5
1%
6
80
5
1
C
0
1
-
C
P
R
VS
5
1
C
0
1
-
C
P
R
V


Similar Part No. - VRPC-10C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A150 BEL-VRPC-10A150 Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A15S BEL-VRPC-10A15S Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A250 BEL-VRPC-10A250 Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A25S BEL-VRPC-10A25S Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
More results

Similar Description - VRPC-10C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
X7AH-10J BEL-X7AH-10J Datasheet
127Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com