Electronic Components Datasheet Search
  English  ▼

X  

9DMU0141 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DMU0141
Description  2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMU0141 Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DMU0141 Datasheet HTML 1Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 2Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 3Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 4Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 5Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 6Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 7Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 8Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
9DMU0141 REVISION A 09/30/14
1
©2014 Integrated Device Technology, Inc.
2:1 1.5V PCIe Gen1-2-3 Clock Mux
w/Zo=100ohms
9DMU0141
General Description
The 9DMU0141 is a member of IDT's SOC-Friendly 1.5V
Ultra-Low-Power (ULP) PCIe Gen1-2-3 family. It has
integrated output terminations providing Zo=100ohms for
direct connection to 100ohm transmission lines. The output
has an OE# pin for optimal system control and power
management. The part provides asynchronous or glitch-free
switching modes.
Recommended Application
2:1 1.5V PCIe Gen1-2-3 Clock Mux
Output Features
• 1 – Low-Power (LP) HCSL DIF pair w/Zo=100
Key Specifications
• DIF additive cycle-to-cycle jitter <5ps
• DIF phase jitter is PCIe Gen1-2-3 compliant
• 125MHz additive phase jitter 535fs rms typical (12kHz to
20MHz)
Features/Benefits
• LP-HCSL output w/integrated terminations; saves 4
resistors compared to standard HCSL output
• 1.5V operation; 11mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pins; support DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 167MHz operating frequency
• Space saving 16-pin 3x3mm VFQFPN; minimal board
space
Block Diagram
A
B
DIF0
^OE0#
DIF_INA
DIF_INB
vSW_MODE
^SEL_A_B#


Similar Part No. - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
Selectable asynchronous or glitch-free switching
REVISION A 09/30/14
logo
Integrated Device Techn...
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
9DMU0141 RENESAS-9DMU0141 Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
9DMU0141AKILF RENESAS-9DMU0141AKILF Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
9DMU0141AKILFT RENESAS-9DMU0141AKILFT Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
More results

Similar Description - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0441 RENESAS-9DMU0441 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/24/14
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com