Electronic Components Datasheet Search
  English  ▼

X  

TL592B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL592B
Description  DIFFERENTIAL VIDEO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL592B Datasheet(HTML) 2 Page - Texas Instruments

  TL592B Datasheet HTML 1Page - Texas Instruments TL592B Datasheet HTML 2Page - Texas Instruments TL592B Datasheet HTML 3Page - Texas Instruments TL592B Datasheet HTML 4Page - Texas Instruments TL592B Datasheet HTML 5Page - Texas Instruments TL592B Datasheet HTML 6Page - Texas Instruments TL592B Datasheet HTML 7Page - Texas Instruments TL592B Datasheet HTML 8Page - Texas Instruments TL592B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TL592B
DIFFERENTIAL VIDEO AMPLIFIER
SLFS001A – JUNE 1985 – REVISED APRIL 1988
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic
1
8
2
B
IN +
IN +
A
7
Gain
Adjust
6
4
5
3
VCC +
VCC –
OUT +
OUT –
Pin numbers are for D8 and P packages.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC+ (see Note 1 )
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC–
–8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage
±5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range, any input
VCC+ to VCC–
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltage values except differential input voltages are with respect to the midpoint between VCC + and VCC – .
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING
DERATE
TA = 70°C
PACKAGE
A
POWER RATING
FACTOR
ABOVE TA
A
POWER RATING
D8
530 mW
5.8 mW/
°C
59
°C
464 mW
D14
530 mW
N/A
N/A
530 mW
N
530 mW
N/A
N/A
530 mW
P
530 mW
N/A
N/A
530 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com