Electronic Components Datasheet Search
  English  ▼

X  

TL592BPSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL592BPSR
Description  DIFFERENTIAL VIDEO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL592BPSR Datasheet(HTML) 3 Page - Texas Instruments

  TL592BPSR Datasheet HTML 1Page - Texas Instruments TL592BPSR Datasheet HTML 2Page - Texas Instruments TL592BPSR Datasheet HTML 3Page - Texas Instruments TL592BPSR Datasheet HTML 4Page - Texas Instruments TL592BPSR Datasheet HTML 5Page - Texas Instruments TL592BPSR Datasheet HTML 6Page - Texas Instruments TL592BPSR Datasheet HTML 7Page - Texas Instruments TL592BPSR Datasheet HTML 8Page - Texas Instruments TL592BPSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL592B
DIFFERENTIAL VIDEO AMPLIFIER
SLFS001A – JUNE 1985 – REVISED APRIL 1988
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC +
3
6
8
V
Supply voltage, VCC –
–3
–6
–8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics at specified free-air temperature, VCC ± = ±6 V, RL = 2 kΩ
(unless otherwise noted)
PARAMETER
TEST
FIGURE
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
AVD
Large-signal differential
1
VOPP = 3 V,
RL = 2 kΩ,
25
°C
300
400
500
V/V
AVD
gg
voltage amplification
1
OPP
RAB = 0
L
0
°C to 70°C
250
600
V/V
AVD2
Large-signal differential
1
VOPP = 3 V,
RL = 2 kΩ,
25
°C
13
V/V
AVD2
gg
voltage amplification
1
OPP
RAB = 1 kΩ
L
25
°C
13
V/V
BW
Bandwidth ( – 3 dB)
2
VOPP = 1 V,
RAB = 0
25
°C
50
MHz
IIO
Input offset current
25
°C
0.4
5
µA
IIO
Input offset current
0
°C to 70°C
6
µA
IIB
Input bias current
25
°C
9
30
µA
IIB
Input bias current
0
°C to 70°C
40
µA
VICR
Common-mode input
3
25
°C
±1
V
VICR
voltage range
3
0
°C to 70°C
±1
V
VOC
Common-mode output
1
RL = ∞
25
°C
24
29
34
V
VOC
voltage
1
RL = ∞
25
°C
2.4
2.9
3.4
V
VOO
Output offset voltage
1
VID = 0,
RAB = ∞,
25
°C
0.35
0.75
V
VOO
Output offset voltage
1
ID
RL = ∞
AB
0
°C to 70°C
1.5
V
VOPP
Peak-to-peak output
1
RL =2kΩ
RAB =0
25
°C
3
4
V
VOPP
voltage swing
1
RL = 2 kΩ,
RAB = 0
0
°C to 70°C
2.8
V
ri
Input resistance
VOD =1V
RAB =0
25
°C
4
k
Ω
ri
Input resistance
VOD = 1 V,
RAB = 0
0
°C to 70°C
3.6
k
Ω
ro
Output resistance
0
°C to 70°C
30
Ω
Ci
Input capacitance
25
°C
5
pF
f = 100 kHz
25
°C
60
86
CMRR
Common-mode rejection
3
VIC = ± 1 V,
f = 5 MHz
25
°C
60
dB
CMRR
j
ratio
3
IC
RAB = 0
f = 100 kHz
0
°Cto70°C
50
dB
f = 5 MHz
0
°C to 70°C
60
kSVR
Supply voltage rejection
4
∆VCC+ = ± 0.5 V, RAB = 0
25
°C
50
70
d
Β
kSVR
yg
j
ratio (
∆VCC/∆VIO)
4
CC
∆VCC– = ± 0.5 V,
AB
0
°C to 70°C
50
d
Β
Vn
Broadband equivalent
input noise voltage
4
BW = 1 kHz to 10 MHz
25
°C
3
µV
tpd
Propagation delay time
2
∆VO = 1 V
25
°C
7.5
ns
tr
Rise time
2
∆VO = 1 V
25
°C
10.5
ns
I ik(
)
Maximum output sink
VID =1V
VO =3V
3
4
mA
Isink(max) current
VID = 1 V,
VO = 3 V
3
4
mA
ICC
Supply current
No load
No signal
25
°C
18
24
mA
ICC
Su
ly current
No load,
No signal
0
°C to 70°C
27
mA
† RAB is the gain-adjustment resistor connected between gain-adjust pins A and B. If not specified for a particular parameter, its value is irrelevant
to that parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com