Electronic Components Datasheet Search
  English  ▼

X  

LE89156 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LE89156
Description  Single Channel Wideband FXS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LE89156 Datasheet(HTML) 2 Page - Microsemi Corporation

  LE89156 Datasheet HTML 1Page - Microsemi Corporation LE89156 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Le89156
Product Brief
2
© Copyright 2012 Microsemi Corporation. All rights reserved
Selected Electrical Specifications
Note: Refer to the Le89156 Single Channel Wideband FXS Advance Data Sheet for test circuits and additional details
Device Pinout
Package Drawings
Related Collateral
•
Le89156 Single Channel Wideband FXS Advance Data Sheet, Document ID# 141559
•
Le71HR8927G Reference Design User’s Guide for the Le89156, Document ID# 142126
•
VoicePath™ API-II CSLAC Reference Guide, Document ID#: 081301
Description
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Ambient Temperature, under Bias
TA
-40°C
+85
°C
Digital and Analog Supply Voltages
DVDD,AVDD
3.135
3.3
3.465
VDC
Battery Voltage
VBAT
–15
-90
-105
VDC
Line Current
ILA
2 kft on 26 AWG line
20
26
40
mA
Ringing Voltage
VRING
Battery Tracking, 5 REN
60
VRMS
Fixed Tracking, 5 REN
65
Two-Wire Return Loss
RL
1 kHz
30
dB
Longitudinal Balance
1 kHz
58
dB
Package Power Consumption
PD
mW
Disconnect
Switcher on, but no DC feed to line
20
Low Power Standby, On-Hook
Switcher on, with limited feed to
line
46
Standby, On-Hook
Normal feed to line, VOC = -57 VDC
86
Talk (Off-Hook)
300
Ω
453
Ringing
50 VRMS into 1 REN
386
50 VRMS into 5 REN
583
Maximum Package Power Dissipation
Capability, Continuous
PD(max)
TA = 85°C
1.7
W
Junction to Ambient Thermal Resistance
θ
JA
23.5
°C/W
VREFI
RSN
RTV
IHL
TAC
RAC
TDC
VREF
IREF
RDC
AVDD
AGND
Exposed Pad (Ground)
Le89156
48-Pin QFN
7
6
5
4
3
2
1
12
11
10
9
8
24
23
22
21
20
19
18
17
16
15
14
13
48
42
43
44
45
46
47
41 40 39 38 37
I/O4
DVDD
FS
DXA
DRA
PCLK
CSEN
30
31
32
33
34
35
36
25
26
27
28
29
DCLK
DIN
DOUT
CS
INT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com