Electronic Components Datasheet Search
  English  ▼

X  

H66T32 Datasheet(PDF) 3 Page - Micro Electronics

Part # H66T32
Description  64-Note ROM memory Dynamic speaker can be driven with external NPN transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

H66T32 Datasheet(HTML) 3 Page - Micro Electronics

  H66T32 Datasheet HTML 1Page - Micro Electronics H66T32 Datasheet HTML 2Page - Micro Electronics H66T32 Datasheet HTML 3Page - Micro Electronics H66T32 Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200220
Issued Date : 1998.04.08
Revised Date : 2002.12.20
Page No. : 3/4
H66T19XA, H66T32XA, H66T68XA
HSMC Product Specification
Application Circuits
Switch
Vin
Vout
Ground
1.5V-3.0V
2
3
1
C1
1uF
Speaker
R1
4.7K
Q1
HE8050S
R2
220
Switch
Vin
Vout
Ground
1.5V-3.0V
2
3
1
C1
1uF
Speaker
R1
4.7K
Q1
HE8050S
Switch
Vin
Vout
Ground
Buzzer
1.5V-3.0V
23
1
R1
220 ohm
C1
1uF
Switch
Vin
Vout
Ground
Buzzer
1.5V-3.0V
2
3
1
Fig-1
H66T19/32/68 Series
Fig-2
Fig-3
Fig-4
H66T19/32/68 Series
H66T19/32/68 Series
H66T19/32/68 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com