Electronic Components Datasheet Search
  English  ▼

X  

ZL30250 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ZL30250
Description  3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL30250 Datasheet(HTML) 2 Page - Microsemi Corporation

  ZL30250 Datasheet HTML 1Page - Microsemi Corporation ZL30250 Datasheet HTML 2Page - Microsemi Corporation ZL30250 Datasheet HTML 3Page - Microsemi Corporation ZL30250 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZL30250, ZL30251
Product Brief
2
Microsemi Corporation
1. Application Examples
50MHz
2x 156.25MHz differential
Frequency synthesis from crystal resonator
125MHz CMOS
25MHz CMOS
Figure 2 – Ethernet Frequency Synthesis Application
25MHz
3x 100MHz differential
Frequency multiplication from input clock signal
Figure 3 – PCI Express Frequency Multiplication Application
2. Detailed Features
2.1 Input Clock Features
•
Four input clocks: one crystal/CMOS, two differential/CMOS, one single-ended/CMOS
•
Input clocks can be any frequency from 9.72MHz up to 1250MHz (differential) or 300MHz (CMOS)
2.2 APLL Features
•
Very high-resolution fractional scaling (i.e. non-integer multiplication)
•
Any-to-any frequency conversion with 0ppm error
•
Two high-speed dividers (integers 4 to 15, half divides 4.5 to 7.5)
•
Easy-to-configure, completely encapsulated design requires no external VCXO or loop filter
components
•
Bypass mode supports system testing
2.3 Output Clock Features
•
Three low-jitter output clocks
•
Each output can be one differential output or two CMOS outputs
•
Output clocks can be any frequency from 1Hz to 1035MHz (250MHz max for CMOS and HSTL outputs)
•
Output jitter is typically 0.16 to 0.28ps RMS (12kHz to 20MHz integration band)
•
In CMOS mode, an additional divider allows the OCxN pin to be an integer divisor of the OCxP pin
(Example: OC3P 125MHz, OC3N 25MHz)
•
Outputs easily interface with CML, LVDS, LVPECL, HSTL, SSTL, HCSL and CMOS components
•
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTN
•
Can produce clock frequencies for microprocessors, ASICs, FPGAs and other components
•
Can produce PCIe clocks (PCIe gen. 1, 2 and 3)
•
Sophisticated output-to-output phase alignment
•
Per-output phase adjustment with high resolution and unlimited range
•
Per-output enable/disable
•
Per-output glitchless start/stop (stop high or low)
ZL3025x
ZL3025x



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com