Electronic Components Datasheet Search
  English  ▼

X  

ADC0831 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0831
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0831 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC0831 Datasheet HTML 11Page - National Semiconductor (TI) ADC0831 Datasheet HTML 12Page - National Semiconductor (TI) ADC0831 Datasheet HTML 13Page - National Semiconductor (TI) ADC0831 Datasheet HTML 14Page - National Semiconductor (TI) ADC0831 Datasheet HTML 15Page - National Semiconductor (TI) ADC0831 Datasheet HTML 16Page - National Semiconductor (TI) ADC0831 Datasheet HTML 17Page - National Semiconductor (TI) ADC0831 Datasheet HTML 18Page - National Semiconductor (TI) ADC0831 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Functional Description (Continued)
TABLE 6. MUX Addressing: ADC0832
Single-Ended MUX Mode
MUX Address
Channel #
SGL/
ODD/
0
1
DIF
SIGN
10
+
11
+
COM is internally tied to A GND
TABLE 7. MUX Addressing: ADC0832
Differential MUX Mode
MUX Address
Channel #
SGL/
ODD/
0
1
DIF
SIGN
00
+
−
01
−
+
Since the input configuration is under software control, it can
be modified, as required, at each conversion. A channel can
be treated as a single-ended, ground referenced input for
one conversion; then it can be reconfigured as part of a
differential channel for another conversion. Figure 1 illus-
trates the input flexibility which can be achieved.
The analog input voltages for each channel can range from
50 mV below ground to 50 mV above V
CC (typically 5V)
without degrading conversion accuracy.
2.0 THE DIGITAL INTERFACE
A most important characteristic of these converters is their
serial data link with the controlling processor. Using a serial
communication format offers two very significant system
improvements; it allows more function to be included in the
converter package with no increase in package size and it
can eliminate the transmission of low level analog signals by
locating the converter right at the analog sensor; transmitting
highly noise immune digital data back to the host processor.
To understand the operation of these converters it is best to
refer to the Timing Diagrams and Functional Block Diagram
and to follow a complete conversion sequence. For clarity a
separate diagram is shown of each device.
1. A conversion is initiated by first pulling the CS (chip select)
line low. This line must be held low for the entire conversion.
The converter is now waiting for a start bit and its MUX
assignment word.
2. A clock is then generated by the processor (if not provided
continuously) and output to the A/D clock input.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com