Electronic Components Datasheet Search
  English  ▼

X  

ADC0832CCWM Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0832CCWM
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0832CCWM Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button ADC0832CCWM Datasheet HTML 22Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 23Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 24Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 25Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 26Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 27Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 28Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 29Page - National Semiconductor (TI) ADC0832CCWM Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Applications (Continued)
Digital Load Cell
00558319
•Uses one more wire than load cell itself
•Two mini-DIPs could be mounted inside load cell for digital output transducer
•Electronic offset and gain trims relax mechanical specs for gauge factor and offset
•Low level cell output is converted immediately for high noise immunity
4 mA-20 mA Current Loop Converter
00558320
•All power supplied by loop
•1500V isolation at output
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com