Electronic Components Datasheet Search
  English  ▼

X  

821024 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 821024
Description  QUAD NON-PROGRAMMABLE PCM CODEC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

821024 Datasheet(HTML) 1 Page - Renesas Technology Corp

  821024 Datasheet HTML 1Page - Renesas Technology Corp 821024 Datasheet HTML 2Page - Renesas Technology Corp 821024 Datasheet HTML 3Page - Renesas Technology Corp 821024 Datasheet HTML 4Page - Renesas Technology Corp 821024 Datasheet HTML 5Page - Renesas Technology Corp 821024 Datasheet HTML 6Page - Renesas Technology Corp 821024 Datasheet HTML 7Page - Renesas Technology Corp 821024 Datasheet HTML 8Page - Renesas Technology Corp 821024 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
QUAD NON-PROGRAMMABLE
PCM CODEC
821024
DATASHEET
821024 REVISION A JUNE 25, 2014
1
©2014 Integrated Device Technology, Inc.
FEATURES
• 4 channel CODEC with on-chip digital filters
• Selectable A-law or
μ-law companding
• Master clock frequency selection: 2.048 MHz, 4.096 MHz or
8.192 MHz
- Internal timing automatically adjusted based on MCLK and frame
sync signal
• Separate PCM and master clocks
• Single PCM port with up to 8.192 MHz data rate (128 time slots)
• Transhybrid balance impedance hardware adjustable via external
components
• Transmit gains hardware adjustable via external components
• Low power +5.0 V CMOS technology
• +5.0 V single power supply
• Package available: 32 pin PLCC, 44 pin TQFP
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION
The IDT821024 is a single-chip, four channel PCM CODEC with on-
chip filters. The device provides analog-to-digital and digital-to-analog
conversions and supports both a-law and
μ−law companding. The digital
filters in IDT821024 provides the necessary transmit and receive filtering for
voice telephone circuit to interface with time-division multiplexed systems.
All of the digital filters are performed in digital signal processors operating
from an internal clock, which is derived from MCLK. The fixed filters set
the transmit and receive gain and frequency response.
In the IDT821024 the PCM data is transmitted to and received from the
PCM highway in time slots determined by the individual Frame Sync signals
(FSR
n and FSXn, where n = 1-4) at rates from 256 KHz to 8.192 MHz. Both
Long and Short Frame Sync modes are available in the IDT821024.
The IDT821024 can be used in digital telecommunication applications
such as PBX, Central Office Switch, Digital Telephone and Integrated
Voice/Data Access Unit.


Similar Part No. - 821024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
821024 IDT-821024 Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
821024JG IDT-821024JG Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
821024PPG IDT-821024PPG Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
821024 IDT-821024_14 Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
More results

Similar Description - 821024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
QUAD NON-PROGRAMMABLE PCM CODEC
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com