Electronic Components Datasheet Search
  English  ▼

X  

82P33741 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33741 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 82P33741 Datasheet HTML 19Page - Renesas Technology Corp 82P33741 Datasheet HTML 20Page - Renesas Technology Corp 82P33741 Datasheet HTML 21Page - Renesas Technology Corp 82P33741 Datasheet HTML 22Page - Renesas Technology Corp 82P33741 Datasheet HTML 23Page - Renesas Technology Corp 82P33741 Datasheet HTML 24Page - Renesas Technology Corp 82P33741 Datasheet HTML 25Page - Renesas Technology Corp 82P33741 Datasheet HTML 26Page - Renesas Technology Corp 82P33741 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
23
©2017 Integrated Device Technology, Inc.
September 15, 2017
82P33741 Datasheet
3.1.6
APLL3
The APLL3 is provided for a better jitter and wander performance of
the device differential output clocks OUT10 and OUT11.
APLL3 supports 3 clock modes: SONET, Ethernet, and Ethernet
LAN. The base frequency for the 3 clock modes are 622.08 MHz,
625 MHz, and 644.53125 MHz respectively. The clock mode selected is
determined by the crystal used for the APLL.
The APLL uses a crystal to generate the respective mode’s base fre-
quency. The supported crystal frequencies are 24.8832 MHz (SONET),
25 MHz (Ethernet) and 25.78125 MHz (Ethernet LAN). The APLL sup-
ports up to two crystal connections, allowing the APLL to support up to
two mode’s base frequencies.
The input of both APLL3 can be derived from one of the DPLL1 or
DPLL2 outputs by configuring internal registers as described in
Table 10. The bandwidth for APLL3 is set to greater 30 Hz (typical),
therefore the bandwidth of DPLL1 or the DPLL2 that is connected to
APLL3 should be set to 18 Hz.
3.1.6.1
External Crystals
Suggestions for crystal options and best matching to APR require-
ments, crystal tolerance considerations and budgets, component place-
ment and crystal wiring to achieve minimum capacity are fully detailed in
IDT AN-861, “Recommended Crystals and Layout Guidelines for IDT’s
VCXO-based Synchronization PLLs.
Table 10: APLL3 input selection
Crystal
APLL3 Input
APLL3_mux_cnfg[3:0] APLL3_div1_cnfg[7:0] APLL3_div2_cnfg[26:0] APLL3_pd_sel[14:0]
APLL3_pd_sel[14:0]
24.88320
8100 Hz from DPLL1
0x04
0x01
0x000012BF
0x0001
0x0C00
24.88320
8100 Hz from DPLL2
0x0C
0x01
0x000012BF
0x0001
0x0C00
25.00000
8000 Hz from DPLL1
0x04
0x01
0x000012FB
0x0001
0x0C35
25.00000
8000 Hz from DPLL2
0x0C
0x01
0x000012FB
0x0001
0x0C35
25.78125 7812.5 Hz from DPLL1
0x03
0x01
0x0000063F
0x0001
0x0CE4
25.78125 7812.5 Hz from DPLL2
0x0B
0x01
0x0000063F
0x0001
0x0CE4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com