Electronic Components Datasheet Search
  English  ▼

X  

82P33913 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 82P33913
Description  Synchronization System for IEEE 1588
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33913 Datasheet(HTML) 1 Page - Renesas Technology Corp

  82P33913 Datasheet HTML 1Page - Renesas Technology Corp 82P33913 Datasheet HTML 2Page - Renesas Technology Corp 82P33913 Datasheet HTML 3Page - Renesas Technology Corp 82P33913 Datasheet HTML 4Page - Renesas Technology Corp 82P33913 Datasheet HTML 5Page - Renesas Technology Corp 82P33913 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
©2021 Renesas Electronics Corporation
November 18, 2021
Description
The IEEE 1588-2008 Precision Time Protocol (PTP) is a
packet-based synchronization mechanism used in
packet-switched networks. PTP synchronizes the clocks of
different devices with the most accurate clock on the network –
usually a precise, grandmaster clock such as one using a Primary
Reference Time Clock (PRTC) time signal.
The 82P33913-x is a software and hardware system that can
operate as a PTP slave or PTP master. As a PTP slave, the
82P33913-x recovers accurate and stable electrical
synchronization signals from a packet-based reference generated
by a PTP master. As a PTP master, the 82P33913-x can lock to a
stable electrical clock source and generate packet based PTP
references for downstream PTP slaves.
The 82P33913-x is available with the two software options listed
in Table 1.
Typical Applications
▪ Access routers, edge routers, core routers
▪ Carrier Ethernet switches
▪ Multiservice access platforms
▪ PON OLT
▪ LTE eNodeB
▪ ITU-T G.8265.1 and G.8275.1 Telecom Profile clock
synthesizer
▪ ITU-T G.8273.2 Telecom Boundary Clock (T-BC) and Telecom
▪ Time Slave Clock (T-TSC)
▪ ITU-T G.8264 Synchronous Equipment Timing Source (SETS)
▪ ITU-T G.8263 Packet-based Equipment Clock (PEC)
▪ ITU-T G.8262 Synchronous Ethernet Equipment Clock (EEC)
and G.8262.1 Enhanced Synchronous Ethernet Equipment
Clock (eEEC)
▪ ITU-T G.813 Synchronous Equipment Clock (SEC)
▪ Telcordia GR-253-CORE Stratum 3 Clock (S3) and SONET
Minimum Clock (SMC)
Features
▪ System implements ITU-T telecom profiles
▪ Composed of Renesas’ IEEE 1588 software and Renesas’
Synchronization Management Unit (SMU) hardware
▪ Operates as IEEE 1588 / PTP slave
▪ Recovers accurate and stable synchronization signals from
packet based IEEE 1588 / PTP master
▪ Provides integrated physical layer frequency support
▪ Operates as an IEEE 1588 / PTP master
Software
▪ C99 source code distribution, supporting POSIX-based
Operating Systems (OSs) such as Linux
▪ IEEE 1588 compliant Precision Time Protocol (PTP) stack
▪ Abstraction interface supports user-supplied IEEE 1588
compliant Precision Time Protocol (PTP) stack
▪ Reference trackers filter packet synchronization noise from
IEEE 1588 unaware networks
Hardware
▪ Synchronization Management Unit (SMU) provides tools to
manage physical layer and packet based synchronous clocks
for IEEE 1588 Telecom Profile applications
▪ Supports independent IEEE 1588 and Synchronous Ethernet
(SyncE) timing paths
▪ Combo mode provides SyncE physical layer frequency support
for IEEE 1588 Telecom Boundary Clocks (T-BC) and Telecom
Time Slave Clocks (T-TSC) per G.8273.2
▪ Digital PLLs can be configured as Digitally Controlled
Oscillators (DCOs) for IEEE 1588 clock synthesis
▪ Generates G.8262 and G.8262.1 compliant SyncE clocks
▪ Fractional-N input dividers support a wide range of reference
frequencies
▪ Locks to 1 pulse per second (PPS) references from GPS based
sources
▪ Loads configuration from an external EPROM after reset
Table 1. Software Options by Part Number
Part Number
Included Software
82P33913
Renesas Clock Recovery Servo Software
82P33913-1
Renesas Clock Recovery Servo Software
IEEE 1588 Protocol Stack
Synchronization System
for IEEE 1588
82P33913 / 82P33913-1
Datasheet


Similar Part No. - 82P33913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33913 IDT-82P33913 Datasheet
163Kb / 3P
Synchronization System for IEEE 1588
82P33913-1 IDT-82P33913-1 Datasheet
163Kb / 3P
Synchronization System for IEEE 1588
82P33913-1NLG IDT-82P33913-1NLG Datasheet
163Kb / 3P
Synchronization System for IEEE 1588
82P33913-1NLG8 IDT-82P33913-1NLG8 Datasheet
163Kb / 3P
Synchronization System for IEEE 1588
82P33913NLG IDT-82P33913NLG Datasheet
163Kb / 3P
Synchronization System for IEEE 1588
More results

Similar Description - 82P33913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813 Datasheet
272Kb / 13P
Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33910 IDT-82P33910 Datasheet
125Kb / 4P
Synchronization System for IEEE 1588
82P33931 IDT-82P33931 Datasheet
125Kb / 4P
Synchronization System for IEEE 1588
82P33910-1 IDT-82P33910-1 Datasheet
125Kb / 4P
Synchronization System for IEEE 1588
82P33931-1 IDT-82P33931-1 Datasheet
125Kb / 4P
Synchronization System for IEEE 1588
82P33913 IDT-82P33913 Datasheet
163Kb / 3P
Synchronization System for IEEE 1588
logo
Renesas Technology Corp
82P33910 RENESAS-82P33910 Datasheet
244Kb / 5P
Synchronization System for IEEE 1588
April 5, 2017
82P33914 RENESAS-82P33914 Datasheet
251Kb / 5P
Synchronization System for IEEE 1588
April 5, 2017
82P33931 RENESAS-82P33931 Datasheet
345Kb / 5P
Synchronization System for IEEE 1588
April 5, 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com