Electronic Components Datasheet Search
  English  ▼

X  

840002 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 840002
Description  FEMTOCLOCKS™ Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

840002 Datasheet(HTML) 2 Page - Renesas Technology Corp

  840002 Datasheet HTML 1Page - Renesas Technology Corp 840002 Datasheet HTML 2Page - Renesas Technology Corp 840002 Datasheet HTML 3Page - Renesas Technology Corp 840002 Datasheet HTML 4Page - Renesas Technology Corp 840002 Datasheet HTML 5Page - Renesas Technology Corp 840002 Datasheet HTML 6Page - Renesas Technology Corp 840002 Datasheet HTML 7Page - Renesas Technology Corp 840002 Datasheet HTML 8Page - Renesas Technology Corp 840002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/
LVTTL FREQUENCY SYNTHESIZER
840002 DATA SHEET
2
REVISION C 11/10/14
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FREQUENCY SELECT FUNCTION TABLE
Number
Name
Type
Description
1
F_SEL0
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels.
2
nXTAL_SEL
Input
Pulldown
Selects between the crystal or TEST_CLK inputs as the PLL reference
source. When HIGH, selects TEST_CLK. When LOW, selects XTAL
inputs. LVCMOS/LVTTL interface levels.
3
TEST_CLK
Input
Pulldown
Single-ended LVCMOS/LVTTL clock input.
4
OE
Input
Pullup
Output enable pin. When HIGH, the outputs are active. When LOW, the
outputs are in a high impedance state. LVCMOS/LVTTL interface levels.
5
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are
reset causing active outputs to go low. When logic LOW, the internal
dividers and the outputs are enabled. LVCMOS/LVTTL interface levels.
6
nPLL_SEL
Input
Pulldown
PLL Bypass. When LOW, the output is driven from the VCO output.
When HIGH, the PLL is bypassed and the output frequency = reference
clock frequency/n output divider.
LVCMOS/LVTTL interface levels.
7V
DDA
Power
Analog supply pin.
8V
DD
Power
Core supply pin.
9,
10
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface.
11
V
DDO
Power
Output supply pin.
12, 13
Q1, Q0
Output
Single-ended clock outputs. LVCMOS/LVTTL interface levels.
14, 15
GND
Power
Power supply ground.
16
F_SEL1
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Input Frequency
(MHz)
Inputs
Output Frequency
(MHz)
F_SEL1
F_SEL0
M Divider Value
N Divider Value
M/N Divider Value
26.5625
0
0
24
3
8
212.5
26.5625
0
1
24
4
6
159.375
26.5625
1
0
24
6
4
106.25
26.5625
1
1
24
12
2
53.125
26.04166
0
1
24
4
6
156.25
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
C
PD
Power Dissipation Capacitance
8
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
OUT
Output Impedance
3.3V±5%
14
17
21
Ω
2.5V±5%
16
21
25
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com