Electronic Components Datasheet Search
  English  ▼

X  

PACDN044TR Datasheet(PDF) 13 Page - California Micro Devices Corp

Part # PACDN044TR
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN044TR Datasheet(HTML) 13 Page - California Micro Devices Corp

Back Button PACDN044TR Datasheet HTML 6Page - California Micro Devices Corp PACDN044TR Datasheet HTML 7Page - California Micro Devices Corp PACDN044TR Datasheet HTML 8Page - California Micro Devices Corp PACDN044TR Datasheet HTML 9Page - California Micro Devices Corp PACDN044TR Datasheet HTML 10Page - California Micro Devices Corp PACDN044TR Datasheet HTML 11Page - California Micro Devices Corp PACDN044TR Datasheet HTML 12Page - California Micro Devices Corp PACDN044TR Datasheet HTML 13Page - California Micro Devices Corp PACDN044TR Datasheet HTML 14Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
11/26/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
13
PACDN042/43/44/45/46
Mechanical Details (continued)
TSSOP-8 Mechanical Specifications:
Dimensions
for
PACDN044T
and
PACDN044TR
devices packaged in 8-pin TSSOP packages are pre-
sented below.
For complete information on the TSSOP-8 package,
see the California Micro Devices TSSOP Package
Information document.
* This is an approximate amount which may vary.
Package Dimensions for TSSOP-8
PACKAGE DIMENSIONS
Package
TSSOP
Pins
8
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
—
1.10
—
0.0433
A1
0.05
0.15
0.002
0.006
B
0.19
0.30
0.0075
0.0118
C
0.09
0.20
0.0035
0.0079
D
2.90
3.10
0.114
0.122
E
6.25
6.50
0.246
0.256
E1
4.30
4.50
0.169
0.177
e
0.65 BSC
0.0256 BSC
L
0.50
0.70
0.020
0.028
# per tube
74 pcs*
# per tape
and reel
2500 pcs
Controlling dimension: millimeters
Mechanical Package Diagrams
E1
D
E
TOP VIEW
L
END VIEW
C
B
A
A1
SEATING
PLANE
12
34
876
5
e
SIDE VIEW
Pin 1 Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com