Electronic Components Datasheet Search
  English  ▼

X  

LM95233 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95233 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM95233 Datasheet HTML 1Page - National Semiconductor (TI) LM95233 Datasheet HTML 2Page - National Semiconductor (TI) LM95233 Datasheet HTML 3Page - National Semiconductor (TI) LM95233 Datasheet HTML 4Page - National Semiconductor (TI) LM95233 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM95233
Dual Remote Diode and Local Temperature Sensor with
SMBus Interface, TCRITs and TruTherm™ Technology
General Description
LM95233 is an 11-bit digital temperature sensor with a 2-wire
System Management Bus (SMBus) interface that can moni-
tor the temperature of two remote diodes as well as its own
temperature. The LM95233 can be used to very accurately
monitor the temperature of up to two external devices such
as
microprocessors,
graphics
processors
or
diode-
connected 2N3904s. The LM95233’s TruTherm technology
allows sensing of 90nm or 65nm process thermal diodes
accurately.
The LM95233 reports temperature in two different formats
for +127.875˚C/–128˚C range and 0˚C/255˚C range. The
LM95233 TCRIT1, TCRIT2 and TCRIT3 outputs are trig-
gered when any unmasked channel exceeds its correspond-
ing programmable limit and can be used to shutdown the
system, to turn on the system fans or as a microcontroller
interrupt function. The current status of the TCRIT1, TCRIT2
and TCRIT3 pins can be read back from the status registers.
Mask registers are available for further control of the TCRIT
outputs.
LM95233’s remote temperature channels have program-
mable digital filters to minimize unwanted TCRIT events
when temperature spikes are encountered.
For optimum flexibility and accuracy each LM95233 channel
includes, registers for sub-micron process or 2N3904 diode
model selection as well as offset correction. A three level
address pin allows connection of up to 3 LM95233s to the
same SMBus master. The LM95233 includes power saving
functions such as: programmable conversion rate, shutdown
mode, and turn off of unused channels.
Features
n
Accurately senses die temperature of 2 remote ICs or
diode junctions and local temperature
n
TruTherm technology accurately senses sub-micron
process thermal diodes
n
0.125˚C LSb temperature resolution
n
0.03125˚C LSb remote temperature resolution with
digital filter enabled
n
+127.875˚C/–128˚C and 0˚C/255˚C remote ranges
n
Programmable digital filters and analog front end filter
n
Remote diode fault detection, model selection and offset
correction
n
Mask and status register support
n
3 programmable TCRIT outputs with programmable
shared hysteresis
n
Programmable conversion rate and shutdown mode
one-shot conversion control
n
SMBus 2.0 compatible interface, supports TIMEOUT
n
Three-level address pin
n
14-pin LLP package
Key Specifications
j Local Temperature Accuracy
±2.0 ˚C (max)
j Remote Diode Temperature
Accuracy
±0.75 ˚C (max)
j Supply Voltage
3.0 V to 3.6 V
j Average Supply Current (1Hz
conversion rate)
0.5 mA (typ)
Applications
n
Processor/Computer System Thermal Management
(e.g. Laptop, Desktop, Workstations, Server)
n
Electronic Test Equipment
n
Office Electronics
Connection Diagram
LLP-14
20206301
TOP VIEW
TruTherm™ is a trademark of National Semiconductor Corporation.
ADVANCE INFORMATION
August 2006
© 2006 National Semiconductor Corporation
DS202063
www.national.com


Similar Part No. - LM95233

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
756Kb / 36P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95233 TI-LM95233 Datasheet
1Mb / 44P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI2-LM95233 Datasheet
764Kb / 43P
LM95233 Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology
REVISED MARCH 2013
logo
National Semiconductor ...
LM95233CISD NSC-LM95233CISD Datasheet
756Kb / 36P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95233CISD TI-LM95233CISD Datasheet
1Mb / 44P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95233

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com