Electronic Components Datasheet Search
  English  ▼

X  

ADN2814XCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADN2814XCPZ
Description  Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2814XCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN2814XCPZ Datasheet HTML 11Page - Analog Devices ADN2814XCPZ Datasheet HTML 12Page - Analog Devices ADN2814XCPZ Datasheet HTML 13Page - Analog Devices ADN2814XCPZ Datasheet HTML 14Page - Analog Devices ADN2814XCPZ Datasheet HTML 15Page - Analog Devices ADN2814XCPZ Datasheet HTML 16Page - Analog Devices ADN2814XCPZ Datasheet HTML 17Page - Analog Devices ADN2814XCPZ Datasheet HTML 18Page - Analog Devices ADN2814XCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Preliminary Technical Data
ADN2814
Rev. PrA | Page 15 of 28
At medium jitter frequencies, the gain and tuning range of the
VCO are not large enough to track input jitter. In this case, the
VCO control voltage becomes large and saturates, and the VCO
frequency dwells at one extreme of its tuning range or the other.
The size of the VCO tuning range, therefore, has only a small
effect on the jitter accommodation. The delay-locked loop
control voltage is now larger, and so the phase shifter takes on
the burden of tracking the input jitter. The phase shifter range,
in UI, can be seen as a broad plateau on the jitter tolerance
curve. The phase shifter has a minimum range of 2 UI at all
data rates.
The gain of the loop integrator is small for high jitter
frequencies, so that larger phase differences are needed to make
the loop control voltage big enough to tune the range of the
phase shifter. Large phase errors at high jitter frequencies
cannot be tolerated. In this region, the gain of the integrator
determines the jitter accommodation. Because the gain of the
loop integrator declines linearly with frequency, jitter accom-
modation is lower with higher jitter frequency. At the highest
frequencies, the loop gain is very small, and little tuning of the
phase shifter can be expected. In this case, jitter
accommodation is determined by the eye opening of the input
data, the static phase error, and the residual loop jitter
generation. The jitter accommodation is roughly 0.5 UI in this
region. The corner frequency between the declining slope and
the flat region is the closed loop bandwidth of the delay-locked
loop, which is roughly 1.0 MHz at 622 Mb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com