Electronic Components Datasheet Search
  English  ▼

X  

TPS79015DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79015DBVT
Description  ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79015DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79015DBVT Datasheet HTML 4Page - Texas Instruments TPS79015DBVT Datasheet HTML 5Page - Texas Instruments TPS79015DBVT Datasheet HTML 6Page - Texas Instruments TPS79015DBVT Datasheet HTML 7Page - Texas Instruments TPS79015DBVT Datasheet HTML 8Page - Texas Instruments TPS79015DBVT Datasheet HTML 9Page - Texas Instruments TPS79015DBVT Datasheet HTML 10Page - Texas Instruments TPS79015DBVT Datasheet HTML 11Page - Texas Instruments TPS79015DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPS79015, TPS79018, TPS79025, TPS79028, TPS79030
ULTRALOW-POWER LOW-NOISE 50-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS299B – SEPTEMBER 2000 – REVISED MAY 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
100
1k
10k
100k
f – Frequency – Hz
VI = 4 V
Co = 10 µF
C(byp) = 0.1 µF
TPS79030
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IO = 50 mA
0
100
200
300
400
500
600
700
IO = 1 mA
Figure 9
Figure 10
0
200
400
600
800
1000
1200
1400
1600
1800
100
1k
10k
100k
C(byp) = 0.001 µF
C(byp) = 0.01 µF
C(byp) = 0.1 µF
f – Frequency – Hz
TPS79030
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
VI = 4 V
IO = 50 mA
Co = 10 µF
150
100
50
0
0.00001
0.0001
0.001
0.01
200
250
ROOT MEAN SQUARED OUTPUT NOISE
vs
BYPASS CAPACITANCE
300
0.1
1
C(bypass) – Bypass Capacitance – µF
VO = 3 V
VO = 1.5 V
Figure 11
Co = 10 µF
Figure 12
100
1M
10
1k
f – Frequency – Hz
10k
OUTPUT IMPEDANCE
vs
FREQUENCY
0
1.6
1
2
0.2
1.4
0.4
1.8
0.6
1.2
0.8
100k
VI = 4 V
Co = 10 µF
TJ = 25°C
IO = 50 mA
IO = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com