Electronic Components Datasheet Search
  English  ▼

X  

AD5764CSU Datasheet(PDF) 27 Page - Analog Devices

Part # AD5764CSU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSU Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5764CSU Datasheet HTML 19Page - Analog Devices AD5764CSU Datasheet HTML 20Page - Analog Devices AD5764CSU Datasheet HTML 21Page - Analog Devices AD5764CSU Datasheet HTML 22Page - Analog Devices AD5764CSU Datasheet HTML 23Page - Analog Devices AD5764CSU Datasheet HTML 24Page - Analog Devices AD5764CSU Datasheet HTML 25Page - Analog Devices AD5764CSU Datasheet HTML 26Page - Analog Devices AD5764CSU Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 27 of 27
OUTLINE DIMENSIONS
TOP VIEW
(PINS DOWN)
1
24
17
25
32
8
9
16
0.45
0.37
0.30
0.80
BSC
7.00
SQ
9.00 SQ
1.05
1.00
0.95
SEATING
PLANE
1.20
MAX
0.15
0.05
7°
0°
0.75
0.60
0.45
COMPLIANT TO JEDEC STANDARDS MS-026ABA
Figure 16. 32-Lead Thin Quad Flatpack [TQFP]
(SU-32)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Function
INL
Package Description
Package Option
AD5764CSU
Quad 16-Bit DAC
± 1 LSB Max
32-Lead TQFP
SU-32
AD5764BSU
Quad 16-Bit DAC
± 2 LSB Max
32-Lead TQFP
SU-32
AD5764ASU
Quad 16-Bit DAC
± 4 LSB Max
32-Lead TQFP
SU-32
AD5744CSU
Quad 14-Bit DAC
± 1 LSB Max
32-Lead TQFP
SU-32
AD5744BSU
Quad 14-Bit DAC
± 2 LSB Max
32-Lead TQFP
SU-32
AD5744ASU
Quad 14-Bit DAC
± 4 LSB Max
32-Lead TQFP
SU-32
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR05303-0-11/04(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com