Electronic Components Datasheet Search
  English  ▼

X  

AD5764ASU Datasheet(PDF) 24 Page - Analog Devices

Part # AD5764ASU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764ASU Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5764ASU Datasheet HTML 19Page - Analog Devices AD5764ASU Datasheet HTML 20Page - Analog Devices AD5764ASU Datasheet HTML 21Page - Analog Devices AD5764ASU Datasheet HTML 22Page - Analog Devices AD5764ASU Datasheet HTML 23Page - Analog Devices AD5764ASU Datasheet HTML 24Page - Analog Devices AD5764ASU Datasheet HTML 25Page - Analog Devices AD5764ASU Datasheet HTML 26Page - Analog Devices AD5764ASU Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 24 of 27
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful
consideration of the power supply and ground return layout
helps to ensure the rated performance. The printed circuit
board on which the AD5744/64 is mounted should be designed
so that the analog and digital sections are separated and
confined to certain areas of the board. If the AD5744/64 is in a
system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
The AD5744/64 should have ample supply bypassing of 10 µF
in
parallel with 0.1 µF on each supply located as close to the
package as possible, ideally right up against the device. The 10
µF capacitors are the tantalum bead type. The 0.1 µF capacitor
should have low effective series resistance (ESR) and low
effective series inductance (ESI) such as the common ceramic
types, which provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
The power supply lines of the AD5744/64 should use as large a
trace as possible to provide low impedance paths and reduce
the effects of glitches on the power supply line. Fast switching
signals such as clocks should be shielded with digital ground to
avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. A ground line routed
between the SDIN and SCLK lines helps reduce crosstalk
between them (not required on a multilayer board, which has a
separate ground plane, but separating the lines helps). It is
essential to minimize noise on the reference inputs, because it
couples through to the DAC output.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feed through the board. A
microstrip technique is by far the best, but not always possible
with a double-sided board. In this technique, the component
side of the board is dedicated to ground plane, while signal
traces are placed on the solder side.
ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled. Opto-isolators can provide voltage isolation in
excess of 3 kV. The serial loading structure of the AD5744/64
makes it ideal for opto-isolated interfaces, because the number
of interface lines is kept to a minimum. Figure 12 shows a 4-
channel isolated interface to the AD5744/64. To reduce the
number of opto-isolators, if the simultaneous updating of the
DAC is not required, the LDAC pin may be tied permanently
low. The DAC can then be updated on the rising edge of SYNC.
DVCC
TO SDIN
TO SCLK
TO SYNC
SYNC OUT
SERIAL CLOCK OUT
SERIAL DATA OUT
µCONTROLLER
OPTO-COUPLER
TO LDAC
CONTROL OUT
Figure 12. Isolated Interface
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5744/64 is via a serial bus
that uses standard protocol compatible with microcontrollers
and DSP processors. The communications channel is a 3-wire
(minimum) interface consisting of a clock signal, a data signal,
and a synchronization signal. The AD5744/64 requires a 24-bit
data word with data valid on the falling edge of SCLK.
For all the interfaces, the DAC output update may be done
automatically when all the data is clocked in, or it may be done
under the control of LDAC. The contents of the DAC register
may be read using the readback function.
AD5744/64 to MC68HC11 Interface
Figure 13 shows an example of a serial interface between the
AD5744/64 and the MC68HC11 microcontroller. The serial
peripheral interface (SPI) on the MC68HC11 is configured for
master mode (MSTR = 1), clock polarity bit (CPOL = 0), and
the clock phase bit (CPHA = 1). The SPI is configured by
writing to the SPI control register (SPCR)-----see the 68HC11
User Manual. SCK of the 68HC11 drives the SCLK of the
AD5744/64, the MOSI output drives the serial data line (DIN)
of
the AD5744/64, and the MISO input is driven from SDO. The
SYNC is driven from one of the port lines, in this case PC7.
When data is being transmitted to the AD5744/64, the SYNC
line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com