Electronic Components Datasheet Search
  English  ▼

X  

AD5744CSU Datasheet(PDF) 20 Page - Analog Devices

Part # AD5744CSU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744CSU Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5744CSU Datasheet HTML 16Page - Analog Devices AD5744CSU Datasheet HTML 17Page - Analog Devices AD5744CSU Datasheet HTML 18Page - Analog Devices AD5744CSU Datasheet HTML 19Page - Analog Devices AD5744CSU Datasheet HTML 20Page - Analog Devices AD5744CSU Datasheet HTML 21Page - Analog Devices AD5744CSU Datasheet HTML 22Page - Analog Devices AD5744CSU Datasheet HTML 23Page - Analog Devices AD5744CSU Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 20 of 27
Table 11. Explanation of Function Register Options
NOP
No operation instruction used in readback operations.
Local-Ground-
Offset Adjust
Set by the user to enable local-ground-offset adjust function.
Cleared by the user to disable local-ground-offset adjust function (default).
D0 / D1
Direction
Set by the user to enable D0/D1 as outputs.
Cleared by the user to enable D0/D1 as inputs (default). Have weak internal pull-ups.
D0 / D1 Value
I/O port status bits. Logic values written to these locations determine the logic outputs on the D0 and D1 pins when
configured as outputs. These bits indicate the status of the D0 and D1 pins when the I/O port is active as an input. When
enabled as inputs, these bits are don’t cares during a write operation.
SDO Disable
Set by the user to disable the SDO output.
Cleared by the user to enable the SDO output (default).
CLR
Addressing this function resets the DAC outputs to 0 V in twos complement mode and negative full scale in binary
mode.
LOAD
Addressing this function updates the DAC registers and consequently the analog outputs.
DATA REGISTER
The Data register is addressed by setting the three REG bits to 010. The DAC address bits select with which DAC Channel the Data
transfer is to take place (Refer to Table 9). The data bits are in positions D15 to D0 for the AD5764 as shown in Table 12 and D13 to D0
for the AD5744 as shown in Table 13.
Table 12. Programming the AD5764 Data Register
REG2
REG1
REG0
A2
A1
A0
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
0
DAC Address
16 Bit DAC Data
Table 13. Programming the AD5744 Data Register
REG2
REG1
REG0
A2
A1
A0
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
0
DAC Address
14 Bit DAC Data
X
X
COARSE GAIN REGISTER
The Coarse Gain Register is addressed by setting the three REG bits to 011. The DAC address bits select with which DAC Channel the
Data transfer is to take place (Refer to Table 9). The Coarse Gain Register is a 2-bit register and allows the user to select the output range
of each DAC as shown in Table 15.
Table 14. Programming the Coarse Gain Register
REG2
REG1
REG0
A2
A1
A0
DB15 …. DB2
DB1
DB0
0
1
1
DAC Address
Don’t Care
CG1
CG0
Table 15. Output Range Selection
Output Range
CG1
CG0
± 10 V
0
0
± 10.25 V
0
1
± 10.5 V
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com