Electronic Components Datasheet Search
  English  ▼

X  

AD5744ASU Datasheet(PDF) 10 Page - Analog Devices

Part # AD5744ASU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744ASU Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5744ASU Datasheet HTML 6Page - Analog Devices AD5744ASU Datasheet HTML 7Page - Analog Devices AD5744ASU Datasheet HTML 8Page - Analog Devices AD5744ASU Datasheet HTML 9Page - Analog Devices AD5744ASU Datasheet HTML 10Page - Analog Devices AD5744ASU Datasheet HTML 11Page - Analog Devices AD5744ASU Datasheet HTML 12Page - Analog Devices AD5744ASU Datasheet HTML 13Page - Analog Devices AD5744ASU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 10 of 27
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Transient currents of up to 100 mA will not cause SCR latch-up.
Table 4.
Parameter
Rating
AVDD to AGND, DGND
−0.3 V to +17 V
AVSS to AGND, DGND
+0.3 V to −17 V
DVCC to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V
Digital Outputs to DGND
−0.3 V to DVCC + 0.3 V
REF IN to AGND, PWRGND
−0.3 V to +17 V
REF OUT to AGND
AVSS to AVDD
VOUTA,B,C,D to AGND
AVSS to AVDD
AGND to DGND
−0.3 V to +0.3 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
32-Lead TQFP Package,
θJA Thermal Impedance
TBD°C/W
Reflow Soldering
Peak Temperature
220°C
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
AD5744/AD5764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com