Electronic Components Datasheet Search
  English  ▼

X  

VT16240ADL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # VT16240ADL
Description  3.3V LVT 16-bit inverting buffer/driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16240ADL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button VT16240ADL Datasheet HTML 2Page - NXP Semiconductors VT16240ADL Datasheet HTML 3Page - NXP Semiconductors VT16240ADL Datasheet HTML 4Page - NXP Semiconductors VT16240ADL Datasheet HTML 5Page - NXP Semiconductors VT16240ADL Datasheet HTML 6Page - NXP Semiconductors VT16240ADL Datasheet HTML 7Page - NXP Semiconductors VT16240ADL Datasheet HTML 8Page - NXP Semiconductors VT16240ADL Datasheet HTML 9Page - NXP Semiconductors VT16240ADL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors Low Voltage Products
Product specification
74LVT16240A
3.3V LVT 16-bit inverting buffer/driver (3-State)
1998 Feb 19
7
SSOP48:
plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com