Electronic Components Datasheet Search
  English  ▼

X  

BCM856DS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BCM856DS
Description  PNP/PNP matched double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCM856DS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BCM856DS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCM856DS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BCM856BS_BCM856DS_1
Product data sheet
Rev. 01 — 7 August 2008
4 of 14
Nexperia
BCM856BS; BCM856DS
PNP/PNP matched double transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
Table 7.
Thermal characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from junction to
ambient
in free air
BCM856BS (SOT363)
BCM856BS/DG (SOT363)
[1] -
-
625
K/W
BCM856DS (SOT457)
BCM856DS/DG (SOT457)
[1] -
-
500
K/W
Per device
Rth(j-a)
thermal resistance from junction to
ambient
in free air
BCM856BS (SOT363)
BCM856BS/DG (SOT363)
[1] -
-
416
K/W
BCM856DS (SOT457)
BCM856DS/DG (SOT457)
[1] -
-
328
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = −30 V;
IE =0A
--
−15
nA
VCB = −30 V;
IE =0A;
Tj = 150 °C
--
−5
µA
IEBO
emitter-base cut-off
current
VEB = −5V;
IC =0A
--
−100
nA
hFE
DC current gain
VCE = −5V;
IC = −10 µA
-
250
-
VCE = −5V;
IC = −2mA
200
290
450
VCEsat
collector-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
-
−50
−200
mV
IC = −100 mA;
IB = −5mA
-
−200
−400
mV
VBEsat
base-emitter saturation
voltage
IC = −10 mA;
IB = −0.5 mA
[1] -
−760
-
mV
IC = −100 mA;
IB = −5mA
[1] -
−920
-
mV
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com