Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCP54
Description  45 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP54 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCP54 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP54 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
Product profile
1.1 General description
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
[1]
Valid for all available selection groups.
1.2 Features and benefits
 High current
 Three current gain selections
 High power dissipation capability
 Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061)
 Leadless very small SMD plastic package with medium power capability (SOT1061)
 AEC-Q101 qualified
1.3 Applications
 Linear voltage regulators
 High-side switches
 Battery-driven devices
 Power management
 MOSFET drivers
 Amplifiers
1.4 Quick reference data
BCP51; BCX51; BC51PA
45 V, 1 A PNP medium power transistors
Rev. 9 — 13 October 2011
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
Nexperia
JEITA
JEDEC
BCP51
SOT223
SC-73
-
BCP54
BCX51
SOT89
SC-62
TO-243
BCX54
BC51PA
SOT1061
-
-
BC54PA
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
1A
ICM
peak collector current
single pulse; tp  1ms
-
-
2A


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP54 FAIRCHILD-BCP54 Datasheet
39Kb / 4P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC636 NXP-BC636 Datasheet
144Kb / 15P
45 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
BC51PA NXP-BC51PA Datasheet
242Kb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP51 PHILIPS-BCP51_15 Datasheet
253Kb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
45 V/60 V/80 V, 1 A PNP medium power transistors
BC51XPAS_SER NEXPERIA-BC51XPAS_SER Datasheet
261Kb / 11P
45 V, 1 A PNP medium power transistors
6 December 2022
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP51T_SER NEXPERIA-BCP51T_SER Datasheet
273Kb / 14P
45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com