Electronic Components Datasheet Search
  English  ▼

X  

BCX53 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BCX53
Description  80 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCX53 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BCX53 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCX53 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP53_BCX53_BC53PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 9 — 19 October 2011
3 of 22
Nexperia
BCP53; BCX53; BC53PA
80 V, 1 A PNP medium power transistors
3.
Ordering information
[1]
Valid for all available selection groups.
4.
Marking
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BCP53
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCX53
SC-62
plastic surface-mounted package; exposed die pad for
good heat transfer; 3 leads
SOT89
BC53PA
HUSON3 plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body 2
 2  0.65 mm
SOT1061
Table 5.
Marking codes
Type number
Marking code
BCP53
BCP53
BCP53-10
BCP53/10
BCP53-16
BCP53/16
BCX53
AH
BCX53-10
AK
BCX53-16
AL
BC53PA
BV
BC53-10PA
BW
BC53-16PA
BX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com