Electronic Components Datasheet Search
  English  ▼

X  

BCP55 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # BCP55
Description  60 V, 1 A NPN medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP55 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button BCP55 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP55 Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Nexperia
BCP55 series
60 V, 1 A NPN medium power transistors
13. Revision history
Table 9. Revision history
Data sheet ID
Release date Data sheet status
Change notice
Supersedes
BCP55_SER v.9
20220701
Product data sheet
-
BCP55_BCX55_BC55PA v.8
Modifications:
• Series data sheet describing several packages reduced to series data sheets per
package.
• Package information removed.
• Product changed to non-automotive qualification. Please refer to nexperia.com for
automotive (-Q) product alternative(s).
BCP55_BCX55_BC55PA v.8 20111024
Product data sheet
-
BC637_BCP55_BCX55 v.7
BC637_BCP55_BCX55 v.7
20070625
Product data sheet
-
BC637_BCP55_BCX55 v.6
BC637_BCP55_BCX55 v.6
20050218
Product data sheet
CPCN200405029
BC635_637_639 v.4
BCP54_55_56 v.5
BCX54_55_56 v.4
BC635_637_639 v.4
20011010
Product Specification -
BC635_637_639 v.3
BCP54_55_56 v.5
20030206
Product Specification -
BCX54_55_56 v.4
BCX54_55_56 v.4
20011010
Product Specification -
BCX54_55_56 v.3
BCP55_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 1 July 2022
10 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com