Electronic Components Datasheet Search
  English  ▼

X  

VT16373ADL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # VT16373ADL
Description  3.3V LVT 16-bit transparent D-type latch 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16373ADL Datasheet(HTML) 2 Page - NXP Semiconductors

  VT16373ADL Datasheet HTML 1Page - NXP Semiconductors VT16373ADL Datasheet HTML 2Page - NXP Semiconductors VT16373ADL Datasheet HTML 3Page - NXP Semiconductors VT16373ADL Datasheet HTML 4Page - NXP Semiconductors VT16373ADL Datasheet HTML 5Page - NXP Semiconductors VT16373ADL Datasheet HTML 6Page - NXP Semiconductors VT16373ADL Datasheet HTML 7Page - NXP Semiconductors VT16373ADL Datasheet HTML 8Page - NXP Semiconductors VT16373ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16373A
3.3V 16-bit transparent D-type latch (3-State)
2
1998 Feb 19
853-1780 18989
FEATURES
• 16-bit transparent latch
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74LVT16373A is a high-performance BiCMOS product
designed for VCC operation at 3.3V.
This device is a 16-bit transparent D-type latch with non-inverting
3-State bus compatible outputs. The device can be used as two
8-bit latches or one 16-bit latch. When enable (E) input is High, the
Q outputs follow the data (D) inputs. When enable is taken Low, the
Q outputs are latched at the levels of the D inputs one setup time
prior to the High-to-Low transition.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nDx to nQx
CL = 50pF;
VCC = 3.3V
1.9
ns
CIN
Input capacitance
VI = 0V or 3.0V
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
9
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVT16373A DL
VT16373A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVT16373A DGG
VT16373A DGG
SOT362-1
LOGIC SYMBOL
3
2
1Q0 1Q1 1Q2
6
5
1Q3
47
46
44
43
1D0 1D1 1D2 1D3
48
1
9
8
1Q4 1Q5 1Q6
12
11
1Q7
41
40
38
37
1D4 1D5 1D6 1D7
1LE
1OE
14
13
17
16
36
35
33
32
25
24
20
19
23
22
30
29
27
26
2Q0 2Q1 2Q2 2Q3
2D0 2D21 2D2 2D3
2Q4 2Q5 2Q6 2Q7
2D4 2D5 2D6 2D7
2LE
2OE
SA00044
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
47, 46, 44, 43, 41, 40, 38, 37,
36, 35, 33, 32, 30, 29, 27, 26
1D0 – 1D7
2D0 – 2D7
Data inputs
2, 3, 5, 6, 8, 9, 11, 12, 13,
14, 16, 17, 19, 20, 22, 23
1Q0 – 1Q7
2Q0 – 2Q7
Data outputs
1, 24
1OE, 2OE
Output enable
inputs
(active-Low)
48, 25
1E, 2E
Enable inputs
(active-High)
4, 10, 15, 21, 28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com