Electronic Components Datasheet Search
  English  ▼

X  

PCM1803ADB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803ADB
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803ADB Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1803ADB Datasheet HTML 12Page - Texas Instruments PCM1803ADB Datasheet HTML 13Page - Texas Instruments PCM1803ADB Datasheet HTML 14Page - Texas Instruments PCM1803ADB Datasheet HTML 15Page - Texas Instruments PCM1803ADB Datasheet HTML 16Page - Texas Instruments PCM1803ADB Datasheet HTML 17Page - Texas Instruments PCM1803ADB Datasheet HTML 18Page - Texas Instruments PCM1803ADB Datasheet HTML 19Page - Texas Instruments PCM1803ADB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
SYNCHRONIZATION WITH DIGITAL AUDIO SYSTEM
1/fS
32/fS
NORMAL DATA
ZERO DATA
UNDEFINED
DATA
NORMAL DATA
SYNCHRONOUS
ASYNCHRONOUS
SYNCHRONOUS
Resynchronization
Synchronization Lost
DOUT
State of Synchronization
T0020-05
PCM1803A
SLES142A – JUNE 2005 – REVISED AUGUST 2006
In slave mode, the PCM1803A operates under LRCK, synchronized with system clock SCKI. The PCM1803A
does not need a specific phase relationship between LRCK and SCKI, but does require the synchronization of
LRCK and SCKI.
If the relationship between LRCK and SCKI changes more than
±6 BCKs for 64 BCK/frame (±5 BCKs for 48
BCK/frame) during one sample period due to LRCK or SCKI jitter, internal operation of the ADC halts within 1/fS,
and digital output is forced to zero data (BPZ code) until resynchronization between LRCK and SCKI occurs.
In case of changes less than
±5 BCKs for 64 BCK/frame (±4 BCKs for 48 BCK/frame), resynchronization does
not occur and the previously explained digital output control and discontinuity do not occur.
Figure 23 illustrates the digital output response for loss of synchronization and resynchronization. During
undefined data, the PCM1803A can generate some noise in the audio signal. Also, the transition of normal to
undefined data and undefined or zero data to normal creates a discontinuity in the data of the digital output,
which can generate some noise in the audio signal.
Figure 23. ADC Digital Output for Loss of Synchronization and Resynchronization
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com