Electronic Components Datasheet Search
  English  ▼

X  

1091M Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 1091M
Description  Non-Relampable LED Indicator Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

1091M Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  1091M Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
1091M Series Non-Relampable LED Indicator Lights
Solid-state indicator lights complete with built-in
current-limiting resistor and rectifier diode.
Mounting: Will snap-fit into Ø.500/.505 hole in
panels .020/.100 thick. Push-on speednut SN0461
also available.
Mounting hole pattern on page SP2.
Wire Leads: No.22 AWG (105°C),lead color: red
and white, 4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate
Anode(+): Red lead
Bezel: Polished stainless steel. For black finish
add "X" after the series letter(s).
Housing: White Nylon
* Also incorporates 1N4004
(400 P.I.V.) rectifier diode.
Y ellow
Green
Red
Lens C olor
4304H7
4304H5
4304H1
Incorporates LE D*
To use 24V model: Beyond 32VAC add 30 ohms per volt; beyond 24 VDC add 50 ohms per volt.
Use 1/2W resistor up to 50V; 1W resistor for 50V to 70V; 2W resistor for 75V to 125V. Do not use beyond 125V.
Notes: Also incorporates
IN4004 (400 P.I.V.) rectifier
diode.
*125 VAC supplied with
6" white wire, stripped 1/2"
with external 3.9K 1/2 watt
resistor attached to one lead,
covered with shrink tubing
insulation.
All dimensions
in inches.
390
1091M7-12V
1091M5-12V
1091M1-12V
(12V )
Model No.
150
1091M7-6V
1091M5-6V
1091M1-6V
(6V )
Model No.
(ohms )
Internal R esistor
Yellow
Green
Red
Lens C olor
LE D Solid S tate Indicator
1000
1091M7-24V
1091M5-24V
1091M1-24V
(24V )
Model No.
(2) 3.9K1/2W *
(One Internal)
1091M7-125V AC
1091M5-125V AC
1091M1-125V AC
(105-125 V AC *)
Model No.
22 to 32
10 to 20
5to 11
VAC
24V
12V
6V
Nominal
V oltage T able
12 to 24
105 to 125
125 V AC
-
6to 13.5
3.5 to 6.5
VD C
1.130
.380
Ø.630
MAX.
Ø.500
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 1091M

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
1091M VCC-1091M Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
1091M1-125VAC VCC-1091M1-125VAC Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
1091M1-12V VCC-1091M1-12V Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
1091M1-24V VCC-1091M1-24V Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
1091M1-6V VCC-1091M1-6V Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
More results

Similar Description - 1091M

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1091QM CML-1091QM Datasheet
224Kb / 1P
Non-Relampable LED Indicator Lights
2191L CML-2191L Datasheet
221Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191QU CML-2191QU Datasheet
220Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2990P CML-2990P Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
5900K CML-5900K Datasheet
232Kb / 1P
Non-Relampable Neon LED Indicator Lights
logo
Visual Communications C...
1090QA VCC-1090QA Datasheet
63Kb / 1P
Non-Relampable Incandescent Indicator Lights
1091M VCC-1091M Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
2191L VCC-2191L Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
1091QM VCC-1091QM Datasheet
67Kb / 1P
Non-Relampable LED Indicator Lights
2110QA VCC-2110QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com